Electronic Components Datasheet Search
  English  ▼

X  

STE2004DIE1 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STE2004DIE1
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE1 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STE2004DIE1 Datasheet HTML 38Page - STMicroelectronics STE2004DIE1 Datasheet HTML 39Page - STMicroelectronics STE2004DIE1 Datasheet HTML 40Page - STMicroelectronics STE2004DIE1 Datasheet HTML 41Page - STMicroelectronics STE2004DIE1 Datasheet HTML 42Page - STMicroelectronics STE2004DIE1 Datasheet HTML 43Page - STMicroelectronics STE2004DIE1 Datasheet HTML 44Page - STMicroelectronics STE2004DIE1 Datasheet HTML 45Page - STMicroelectronics STE2004DIE1 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
STE2004
42/66
Table 12. Explanations of Table 3 & 4 symbols
Table 13. PAGE SELECTION
Table 14. DISPLAY MODE
Table 15. FRAME RATE CONTROL
Table 16. VLCD RANGE SELECTION
BIT
0
1
RESET
STATE
DIR
Scroll by one down
Scroll by one up
H[0]
Select page 0
Select page 1
0
PD
Device fully working
Device in power down
1
V
Horizontal addressing
Vertical addressing
0
MX
Normal X axis addressing
X axis address is mirrored.
0
MY
Image is displayed not vertically mirrored
Image is displayed vertically mirrored
0
DO
MSB on TOP
MSB on BOTTOM
0
PE
Partial Display disabled
Partial Display enabled
0
MUX
MUx 65 Mode
MUX 33 Mode
0
R
Read ID-Number / I2C Address
Read Status Byte
0
H[1]
H[0]
DESCRIPTION
RESET STATE
00
Page 0
0
1
Page 1
Page 0
10
Page 2
11
Page 3
D
E
DESCRIPTION
RESET STATE
0
0
display blank
0
1
all display segments on
E=0
1
0
normal mode
D=0
1
1
inverse video mode
FR[1]
FR[0]
DESCRIPTION
RESET STATE
00
65Hz
0
1
70Hz
75Hz
10
75Hz
11
80Hz
PRS[1]
PRS[0]
DESCRIPTION
RESET STATE
0
0
2.94
0
1
6.78
10
10.62
11
10.62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com