Electronic Components Datasheet Search
  English  ▼

X  

74HC4514 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC4514
Description  4-to-16 line decoder/demultiplexer with input latches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4514 Datasheet(HTML) 8 Page - NXP Semiconductors

  74HC4514 Datasheet HTML 1Page - NXP Semiconductors 74HC4514 Datasheet HTML 2Page - NXP Semiconductors 74HC4514 Datasheet HTML 3Page - NXP Semiconductors 74HC4514 Datasheet HTML 4Page - NXP Semiconductors 74HC4514 Datasheet HTML 5Page - NXP Semiconductors 74HC4514 Datasheet HTML 6Page - NXP Semiconductors 74HC4514 Datasheet HTML 7Page - NXP Semiconductors 74HC4514 Datasheet HTML 8Page - NXP Semiconductors 74HC4514 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
September 1993
8
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer with
input latches
74HC/HCT4514
AC WAVEFORMS
Fig.6 Waveforms showing the input (An, LE, E) to output (Qn) propagation delays and the output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7
Waveforms showing the minimum pulse width of the latch enable input (LE) and the set-up and hold times
for LE to An. Set-up and hold times are shown as positive values but may be specified as negative values.
The shaded areas indicate when the input is permitted to
change for predictable output performance.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com