Electronic Components Datasheet Search
  English  ▼

X  

HCT4511 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HCT4511
Description  BCD to 7-segment latch/decoder/driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HCT4511 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HCT4511 Datasheet HTML 4Page - NXP Semiconductors HCT4511 Datasheet HTML 5Page - NXP Semiconductors HCT4511 Datasheet HTML 6Page - NXP Semiconductors HCT4511 Datasheet HTML 7Page - NXP Semiconductors HCT4511 Datasheet HTML 8Page - NXP Semiconductors HCT4511 Datasheet HTML 9Page - NXP Semiconductors HCT4511 Datasheet HTML 10Page - NXP Semiconductors HCT4511 Datasheet HTML 11Page - NXP Semiconductors HCT4511 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
December 1990
8
Philips Semiconductors
Product specification
BCD to 7-segment latch/decoder/driver
74HC/HCT4511
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard, excepting VOH which is given below
ICC category: MSI
Non-standard DC characteristics for 74HCT
Voltages are referenced to GND (ground = 0 V)
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST
CONDITIONS
74HCT
VCC
(V)
VI
−IO
(mA)
+25
−40 to +85 −40 to +125
min.
typ.
max. min.
max.
min.
max.
VOH
HIGH level output voltage
3.98
3.60
3.84
3.35
3.70
3.10
V
4.5
VIH or
VIL
7.5
10.0
INPUT
UNIT LOAD COEFFICIENT
LT, LE
BI, Dn
1.50
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com