Electronic Components Datasheet Search
  English  ▼

X  

NSAM265SFA Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM265SFA
Description  CompactSPEECH Digital Speech Processors
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM265SFA Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button NSAM265SFA Datasheet HTML 35Page - National Semiconductor (TI) NSAM265SFA Datasheet HTML 36Page - National Semiconductor (TI) NSAM265SFA Datasheet HTML 37Page - National Semiconductor (TI) NSAM265SFA Datasheet HTML 38Page - National Semiconductor (TI) NSAM265SFA Datasheet HTML 39Page - National Semiconductor (TI) NSAM265SFA Datasheet HTML 40Page - National Semiconductor (TI) NSAM265SFA Datasheet HTML 41Page - National Semiconductor (TI) NSAM265SFA Datasheet HTML 42Page - National Semiconductor (TI) NSAM265SFA Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
Appendix A Device Specifications (Continued)
A42 SYNCHRONOUS TIMING TABLES
In this section RE means RIsing Edge and FE means Falling Edge
TABLE A-2 Timing for Output Signals
Symbol
Figure
Description
Reference Conditions
Min (ns)
Max (ns)
tAh
A-10
Address Hold
After RE CTTL
00
tAv
A-10
Address Valid
After RE CTTL T1 or T2W3
120
tCASa
A-10
CAS Active
After RE CTTL T2W or T2W1RF
120
tCASh
A-10
CAS Hold
After RE CTTL
00
tCASia
A-10
CAS Inactive
After RE CTTL T3 or T3RF
120
tCASLw
A-13
DRAM PDM CAS Width
At 08V Both Edges
6000
tCCLKa
A-14
CCLK Active
After RE CTTL
120
tCCLKh
A-14
CCLK Hold
After RE CTTL
00
tCCLKia
A-14
CCLK Inactive
After RE CTTL
120
tCDOh
A-14
CDOUT Hold
After RE CTTL
00
tCDOv
A-14
CDOUT Valid
After RE CTTL
120
tCTp
A-21
CTTL Clock Period (Note A)
RE CTTL to next RE CTTL
488
50000
tDCSh
A-17
Data Hold after EMCS (Note B)
RE EMCS to RE Data Float
100
tDf
A-11
Data and RA11 Float (D07) (Note B)
After RE CTTL T3 or T3H
tCTp 2 b 6tCTp 2 a 12
tDh
A-11
Data Hold (D07)
After RE CTTL T3 or T3H
tCTp 2 b 6
tDv
A-11
Data Valid (D07)
After RE CTTL T2 or T2W1
120
tDWEa
A-11
DWE Active
After RE CTTL T2W2
120
tDWEh
A-11
DWE Hold
After RE CTTL
00
tDWEia
A-11
DWE Inactive
After RE CTTL T3
120
tEMCSa
A-16
EMCS Active
After RE CTTL T2W1
120
tEMCSh
A-16
EMCS Hold
After RE CTTL
00
tEMCSia
A-16
EMCS Inactive
After RE CTTL T3
120
tFSa
A-14
CFS0 Active
After RE CTTL
250
tFSh
A-14
CFSO Hold
After RE CTTL
00
tFSia
A-14
CFSO Inactive
After RE CTTL
250
tMWDOf
A-18
MICROWIRE Data Float (Note B)
After RE MWCS
700
tMWDOh
A-18
MICROWIRE Data Out Hold (Note B)
After FE MWCK
00
tMWDOnf
A-18
MICROWIRE Data No Float (Note B)
After FE MWCS
00
700
tMWDOv
A-18
MICROWIRE Data Out Valid (Note B)
After FE MWCK
700
tMWITOp
A-19
MWDIN to MWDOUT
Propagation Time
700
tMWDRYa
A-18
MWDRY Active
After RE of CTTL
00
350
tMWDRYia
A-18
MWDRY Inactive
After FE MWCLK
00
700
tPABCh
A-20
PB and MWRQST
After RE CTTL
00
tPABCv
A-20
PB and MWRQST
After RE CTTL T2W1
120
tRASa
A-10
RAS Active
After RE CTTL T2W1 or T2WRF
120
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com