Electronic Components Datasheet Search
  English  ▼

X  

STB55NF06 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB55NF06
Description  N-channel 60 V, 0.015 Ω, 50 A STripFET™ II Power MOSFET in D²PAK, TO-220 and TO-220FP packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB55NF06 Datasheet(HTML) 3 Page - STMicroelectronics

  STB55NF06_V01 Datasheet HTML 1Page - STMicroelectronics STB55NF06_V01 Datasheet HTML 2Page - STMicroelectronics STB55NF06_V01 Datasheet HTML 3Page - STMicroelectronics STB55NF06_V01 Datasheet HTML 4Page - STMicroelectronics STB55NF06_V01 Datasheet HTML 5Page - STMicroelectronics STB55NF06_V01 Datasheet HTML 6Page - STMicroelectronics STB55NF06_V01 Datasheet HTML 7Page - STMicroelectronics STB55NF06_V01 Datasheet HTML 8Page - STMicroelectronics STB55NF06_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STB55NF06, STP55NF06, STP55NF06FP
Electrical ratings
Doc ID 7544 Rev 11
3/19
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220,
D2PAK
TO-220FP
VDS
Drain-source voltage
60
V
VGS
Gate- source voltage
± 20
V
ID
Drain current (continuous) at TC = 25 °C
50
50(1)
1.
Refer to soa for the max allowable current value on FP-type due to Rth value
A
ID
Drain current (continuous) at TC = 100 °C
35
35(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
200
200(1)
A
Ptot
Total dissipation at TC = 25 °C
110
30
W
Derating factor
0.73
0.20
W/°C
EAS
(3)
3.
Starting Tj = 25 °C, VDD = 30 V, ID =25 A
Single pulse avalanche energy
340
mJ
dv/dt (4)
4.
ISD ≤50 A, di/dt ≤400 A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX
Peak diode recovery voltage slope
7
V/ns
VISO
Insulation withstand voltage (DC)
2500
V
Tstg
Storage temperature
-55 to 175
°C
Tj
Max. operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
D2PAK
TO-220
TO-220FP
Rthj-case
Thermal resistance junction-case max
1.36
5
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com