Electronic Components Datasheet Search
  English  ▼

X  

74HC4538 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC4538
Description  Dual retriggerable precision monostable multivibrator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4538 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC4538 Datasheet HTML 4Page - NXP Semiconductors 74HC4538 Datasheet HTML 5Page - NXP Semiconductors 74HC4538 Datasheet HTML 6Page - NXP Semiconductors 74HC4538 Datasheet HTML 7Page - NXP Semiconductors 74HC4538 Datasheet HTML 8Page - NXP Semiconductors 74HC4538 Datasheet HTML 9Page - NXP Semiconductors 74HC4538 Datasheet HTML 10Page - NXP Semiconductors 74HC4538 Datasheet HTML 11Page - NXP Semiconductors 74HC4538 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
September 1993
8
Philips Semiconductors
Product specification
Dual retriggerable precision monostable
multivibrator
74HC/HCT4538
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
nA0,nA1
nRD
0.50
0.65
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
OTHER
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPLH
propagation delay
nA0,nA1 to nQ
35
60
75
90
ns
4.5
Fig.8
tPHL
propagation delay
nA0,nA1 to nQ
35
60
75
90
ns
4.5
Fig.8
tPHL
propagation delay
nRD to nQ
35
60
75
90
ns
4.5
Fig.8
tPLH
propagation delay
nRD to nQ
35
60
75
90
ns
4.5
Fig.8
tTHL/ tTLH
output transition time
7
15
19
21
ns
4.5
Fig.8
tW
nA0 pulse width
LOW
20
11
25
30
ns
4.5
Fig.8
tW
nA1 pulse width
HIGH
16
5
20
24
ns
4.5
Fig.8
tW
nRD pulse width
LOW
20
11
25
30
ns
4.5
Fig.8
tW
nQ, nQ pulse width
HIGH or LOW
0.63 0.70
0.77
0.602 0.798 0.595 0.805 ms
5.0
Fig.8; Rt = 10 kΩ;
Ct = 0.1 µF
trem
removal time
RD to nA0, nA1
7
2
9
11
ns
4.5
Fig.8
trt
retrigger time
nA0,nA1
−
80+X
−−
ns
4.5
Fig.8
X=CEXT /
(4.5
× VCC)
REXT
external timing
resistor
2
1000
k
Ω
5.0
CEXT
external timing
capacitor
no limits
pF
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com