Electronic Components Datasheet Search
  English  ▼

X  

2SC5547 Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # 2SC5547
Description  For High Frequency Amplify Application Silicon NPN Epitaxial Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5547 Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  2SC5547 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5547 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC5547 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC5547 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S parameter
VCE=5V,IC=5mA
FREQUENCY
(MHZ)
S11
MAG
ANG
S21
MAG
ANG
S12
MAG
ANG
S22
MAG
ANG
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
0.334
0.321
0.312
0.305
0.301
0.293
0.285
0.281
0.277
0.273
0.271
0.270
0.268
0.268
0.269
0.270
-143.8
-154.7
-164.0
-172.2
-179.5
173.3
166.3
160.5
154.1
147.5
141.7
135.7
129.5
123.1
118.1
112.8
0.098
0.108
0.119
0.130
0.141
0.153
0.165
0.177
0.189
0.200
0.213
0.227
0.238
0.250
0.264
0.276
50.7
51.8
52.4
52.9
52.9
52.8
53.0
52.6
52.0
51.4
50.9
49.9
49.0
48.1
47.1
45.9
5.077
4.301
3.721
3.281
2.948
2.675
2.441
2.258
2.099
1.957
1.843
1.741
1.650
1.572
1.502
1.434
86.1
80.3
75.2
70.4
65.7
61.3
57.3
53.4
49.6
46.1
42.6
39.2
35.9
32.9
29.8
26.9
0.433
0.409
0.400
0.397
0.405
0.409
0.413
0.424
0.432
0.443
0.454
0.462
0.473
0.484
0.495
0.507
-56.6
-59.8
-62.7
-65.6
-68.4
-71.1
-73.7
-76.0
-78.5
-80.6
-83.2
-85.5
-87.3
-89.5
-91.8
-93.9
2SC5547
VCE=5V,IC=2mA
FREQUENCY
(MHZ)
S11
MAG
ANG
S21
MAG
ANG
S12
MAG
ANG
S22
MAG
ANG
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
0.410
0.399
0.389
0.382
0.377
0.366
0.359
0.356
0.354
0.350
0.349
0.346
0.343
0.343
0.343
0.350
-117.8
-128.3
-138.5
-147.4
-156.1
-163.9
-170.1
-176.7
176.6
169.9
163.5
156.4
149.7
143.8
137.2
132.4
0.131
0.134
0.139
0.142
0.144
0.148
0.152
0.156
0.162
0.168
0.176
0.185
0.194
0.205
0.216
0.228
38.9
36.7
35.3
34.7
34.6
35.8
36.9
38.4
39.8
41.2
42.6
43.9
44.9
45.4
46.0
46.4
4.272
3.612
3.142
2.749
2.471
2.240
2.034
1.864
1.730
1.610
1.515
1.425
1.347
1.282
1.226
1.153
91.5
85.5
79.9
74.9
69.7
64.6
59.9
55.5
51.4
47.6
43.8
40.0
36.5
33.0
29.8
26.5
0.639
0.599
0.577
0.559
0.554
0.547
0.546
0.551
0.554
0.561
0.567
0.573
0.582
0.589
0.597
0.609
-50.9
-55.9
-60.0
-63.7
-67.2
-70.3
-73.2
-75.9
-78.2
-81.1
-83.6
-86.1
-88.2
-90.4
-92.7
-95.2
VCE=5V,IC=10mA
FREQUENCY
(MHZ)
S11
MAG
ANG
S21
MAG
ANG
S12
MAG
ANG
S22
MAG
ANG
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
0.300
0.292
0.285
0.280
0.277
0.272
0.266
0.263
0.259
0.256
0.254
0.253
0.252
0.251
0.251
0.253
-164.4
-174.1
177.1
170.4
163.6
156.7
150.8
145.5
139.6
133.4
128.1
122.1
116.8
111.4
105.7
100.7
0.089
0.104
0.118
0.132
0.147
0.161
0.176
0.190
0.203
0.216
0.231
0.244
0.258
0.270
0.283
0.295
62.0
62.3
61.7
61.5
60.5
59.6
58.6
57.6
56.0
54.8
53.6
52.1
50.5
48.9
47.4
46.1
5.555
4.675
4.056
3.574
3.208
2.902
2.657
2.454
2.281
2.129
2.006
1.898
1.792
1.706
1.631
1.561
81.9
76.8
72.0
67.6
63.4
59.4
55.7
52.2
48.6
45.3
42.0
38.7
35.6
32.7
29.8
27.0
0.326
0.318
0.324
0.327
0.337
0.346
0.355
0.367
0.377
0.390
0.404
0.416
0.423
0.439
0.450
0.465
-55.8
-58.3
-61.3
-64.4
-67.3
-70.1
-72.7
-75.2
-77.7
-79.8
-82.5
-84.9
-86.7
-88.6
-90.7
-93.3
〈Transistor〉
For
 High Frequency Amplify Application
Silicon NPN Epitaxial Type
ISAHAYA ELECTRONICS CORPORATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com