Electronic Components Datasheet Search
  English  ▼

X  

74HC4543 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC4543
Description  BCD to 7-segment latch/decoder/driver for LCDs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4543 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC4543 Datasheet HTML 3Page - NXP Semiconductors 74HC4543 Datasheet HTML 4Page - NXP Semiconductors 74HC4543 Datasheet HTML 5Page - NXP Semiconductors 74HC4543 Datasheet HTML 6Page - NXP Semiconductors 74HC4543 Datasheet HTML 7Page - NXP Semiconductors 74HC4543 Datasheet HTML 8Page - NXP Semiconductors 74HC4543 Datasheet HTML 9Page - NXP Semiconductors 74HC4543 Datasheet HTML 10Page - NXP Semiconductors 74HC4543 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
December 1990
8
Philips Semiconductors
Product specification
BCD to 7-segment latch/decoder/driver for
LCDs
74HC/HCT4543
DC CHARACTERISTICS FOR 74HCT
Output capability: non-standard
ICC category: MSI
Voltages are referenced to GND (ground = 0 V)
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
VI
OTHER
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max. min.
max.
VIH
HIGH level input
voltage
2.0
1.6
2.0
2.0
V
4.5
to
5.5
VIL
LOW level input
voltage
1.2
0.8
0.8
0.8
V
4.5
to
5.5
VOH
HIGH level output
voltage
4.4
4.5
4.4
4.4
V
4.5
VIH
or
VIL
−IO =20 µA
VOH
HIGH level output
voltage
3.98
4.32
3.84
3.7
V
4.5
VIH
or
VIL
−IO = 1.0 mA
VOL
LOW level output
voltage
0
0.1
0.1
0.1
V
4.5
VIH
or
VIL
IO =20 µA
VOL
LOW level output
voltage
0.15
0.26
0.33
0.4
V
4.5
VIH
or
VIL
IO = 1.0 mA
±II
input leakage
current
0.1
1.0
1.0
µA
5.5
VCC
or
GND
ICC
quiescent supply
current
8.0
80.0
160.0
µA
5.5
VCC
or
GND
IO =0
∆I
CC
additional
quiescent supply
current per input
pin for unit load
coefficient is 1
(note 1)
100
360
450
490
µA
4.5
to
5.5
VCC
−2.1V
other inputs
at VCC or
GND; IO =0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com