Electronic Components Datasheet Search
  English  ▼

X  

74HC533 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC533
Description  Octal D-type transparent latch; 3-state; inverting
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC533 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC533 Datasheet HTML 1Page - NXP Semiconductors 74HC533 Datasheet HTML 2Page - NXP Semiconductors 74HC533 Datasheet HTML 3Page - NXP Semiconductors 74HC533 Datasheet HTML 4Page - NXP Semiconductors 74HC533 Datasheet HTML 5Page - NXP Semiconductors 74HC533 Datasheet HTML 6Page - NXP Semiconductors 74HC533 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
December 1990
2
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state;
inverting
74HC/HCT533
FEATURES
• 3-state inverting outputs for bus oriented applications
• Common 3-state output enable input
• Output capability: bus driver
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT533 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT533 are octal D-type transparent latches
featuring separate D-type inputs for each latch and 3-state
outputs for bus oriented applications. A latch enable (LE)
input and an output enable (OE) input are common to all
latches.
The “533” consists of eight D-type transparent latches with
3-state inverting outputs. When LE is HIGH, data at the Dn
inputs enter the latches. In this condition the latches are
transparent, i.e. a latch output will change state each time
its corresponding D-input changes.
When LE is LOW the latches store the information that was
present at the D-inputs a set-up time preceding the
HIGH-to-LOW transition of LE.
When OE is LOW, the contents of the 8 latches are
available at the outputs.
When OE is HIGH, the outputs go to the high impedance
OFF-state. Operation of the OE input does not affect the
state of the latches.
The “533” is functionally identical to the “373”, “563” and
“573”, but the “373” and “573” have non-inverted outputs
and the “563” and “573” have a different pin arrangement.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CL = 15 pF; VCC =5 V
Dn to Qn
14
16
ns
LE to Qn
18
19
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per latch
notes 1 and 2
34
34
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com