Electronic Components Datasheet Search
  English  ▼

X  

441 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 441
Description  PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

441 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  441 Datasheet HTML 1Page - Aries Electronics, Inc. 441 Datasheet HTML 2Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
10004
Rev. 1.10
1 of 2
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
SPECIAL HANDLE REQUIREMENTS: CONSULT FACTORY
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• Strong Metal Cam Activates Normally-closed Contacts, Preventing Dependency on Plastic for
Contact Force
• Handle mounted on Right- or Left-hand Side
• Any Footprint Accepted on Standard 13x13 to 21x21 Grid
GENERAL SPECIFICATIONS
•
SOCKET BODY: black UL 94V-0 Polyphenylene Sulfide (PPS)
•
CONTACTS: BeCu 174, 1/2-hard –OR– Spinodal
•
BeCu CONTACT PLATING OPTIONS: 30μ [0.762μ] min. Au per MIL-
G-45204 on contact area, 200μ [5.08μ] min. matte Sn per ASTM B545-
97 on solder tail, both over 30μ [0.762μ] min. Ni per QQ-N-290 all over
•
HANDLE: Stainless Steel
•
CONTACT CURRENT RATING: 1 amp
•
OPERATING TEMPERATURES: -85°F to 257°F [-65°C to 125°C] Au plating
•
ACCEPTS LEADS: 0.014-0.026 [0.36-0.66] dia., 0.120-0.290 [3.05-7.37]
long
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE: 0.032 ±0.002 [0.81 ±0.05] dia.
• See
PCB FOOTPRINT below
• Plugs into standard PGA sockets
PGA ZIF Test & Burn-in Socket for
Any Footprint on Std 8x8 to 21x21 Grid
ORDERING INFORMATION
XXX-PXX XXXXX-1 X
Plating
2 = Au Contacts, Sn over Ni Tail
Solder Pin Tail
Grid Size & Footprint Number
Series Designator
PRS = Std
PLS = Handle on Left
Number of Pins
Grid Size
No. of Pins
Dim. “C”
Dim. “A”
Dim. “B”
Dim. “D”
8 x 8 *
64
0.700 [17.78]
1.695 [43.05] 1.110 [28.19]
1.275 [32.39]
9 x 9
81
0.800 [20.32]
12 x 12 *
144
1.100 [27.94]
1.894 [48.10]
1.510 [38.35]
1.675 [42.55]
13 x 13
169
1.200 [30.48]
14 x 14 *
196
1.300 [33.02]
2.094 [53.20]
1.710 [43.43]
1.875 [47.63]
15 x 15
225
1.400 [35.56]
16 x 16 *
256
1.500 [38.10]
2.294 [58.27]
1.910 [48.51]
2.075 [52.71]
17 x 17
289
1.600 [40.64]
18 x 18 *
324
1.700 [43.18]
2.494 [63.35]
2.110 [53.59]
2.275 [57.79]
19 x 19
361
1.800 [45.72]
20 x 20 *
400
1.900 [48.26]
2.694 [68.43]
2.310 [58.67]
2.475 [62.87]
21 x 21
441
2.000 [50.80]
* Top- and Right-hand Side Rows left out
PLUGS (X) IN THESE COVER HOLE LOCATIONS, OR ANY
OTHER LOCATIONS REQUIRED WILL ONLY BE SUPPLIED
AS INDICATED ON THE PGA FOOTPRINT OR CUSTOMER-
SUPPLIED PGA WORKSHEET ON PAGE 2.
<< SPECIAL ORDER ONLY, Consult Factory


Similar Part No. - 441

ManufacturerPart #DatasheetDescription
logo
Littelfuse
441 LITTELFUSE-441 Datasheet
38Kb / 2P
SURFACE MOUNT FUSES
logo
Adafruit Industries
441 ADAFRUIT-441 Datasheet
141Kb / 2P
SMT/SMD 0805 Resistor and Capacitor Book - 3725 pieces
6-8-17
logo
English Chain Co. Ltd
441 14 ENGLISHCHAIN-441 14 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
441 15 ENGLISHCHAIN-441 15 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
441 25 ENGLISHCHAIN-441 25 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
More results

Similar Description - 441

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
144-PRS12X12-12 ARIES-144-PRS12X12-12 Datasheet
841Kb / 2P
ZIF PGA Test & Burn-in Socket for Any Footprint on Std 13x13 to 21x21 Grid
logo
Abracon Corporation
AXS-1147-02-02 ABRACON-AXS-1147-02-02 Datasheet
419Kb / 1P
CRYSTAL TEST & BURN IN SOCKET
08.21.09
AXS-1155-04-01 ABRACON-AXS-1155-04-01 Datasheet
410Kb / 1P
CRYSTAL TEST & BURN-IN SOCKET
07.10.09
AXS-2520-04-01 ABRACON-AXS-2520-04-01 Datasheet
403Kb / 1P
CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.10.09
AXS-7550-06-03 ABRACON-AXS-7550-06-03 Datasheet
412Kb / 1P
CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
logo
Aries Electronics, Inc.
10002 ARIES-10002 Datasheet
716Kb / 1P
High-Temp Universal ZIF DIP Burn-in & Test Socket
10004HT ARIES-10004HT Datasheet
1Mb / 2P
High-Temp PGA ZIF Test & Burn-in Socket for Footprints on Std 8x8 to 21x21 Grid
logo
Abracon Corporation
AXS-7050-06-13 ABRACON-AXS-7050-06-13 Datasheet
411Kb / 1P
CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-2520-04-05 ABRACON-AXS-2520-04-05 Datasheet
402Kb / 1P
Suitable for high temperature burn-in test
07.10.09
AXS-2520-04-07 ABRACON-AXS-2520-04-07 Datasheet
391Kb / 1P
Suitable for high temperature burn-in test
07.10.09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com