Electronic Components Datasheet Search
  English  ▼

X  

74HC540N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC540N
Description  Octal buffer/line driver; 3-state; inverting
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC540N Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC540N Datasheet HTML 1Page - NXP Semiconductors 74HC540N Datasheet HTML 2Page - NXP Semiconductors 74HC540N Datasheet HTML 3Page - NXP Semiconductors 74HC540N Datasheet HTML 4Page - NXP Semiconductors 74HC540N Datasheet HTML 5Page - NXP Semiconductors 74HC540N Datasheet HTML 6Page - NXP Semiconductors 74HC540N Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
December 1990
3
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state; inverting
74HC/HCT540
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 19
OE1, OE2
output enable input (active LOW)
2, 3, 4, 5, 6, 7, 8, 9
A0 to A7
data inputs
10
GND
ground (0 V)
18, 17, 16, 15, 14, 13, 12, 11
Y0 to Y7
bus outputs
20
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com