Electronic Components Datasheet Search
  English  ▼

X  

74HC5555N Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC5555N
Description  Programmable delay timer with oscillator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC5555N Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC5555N Datasheet HTML 9Page - NXP Semiconductors 74HC5555N Datasheet HTML 10Page - NXP Semiconductors 74HC5555N Datasheet HTML 11Page - NXP Semiconductors 74HC5555N Datasheet HTML 12Page - NXP Semiconductors 74HC5555N Datasheet HTML 13Page - NXP Semiconductors 74HC5555N Datasheet HTML 14Page - NXP Semiconductors 74HC5555N Datasheet HTML 15Page - NXP Semiconductors 74HC5555N Datasheet HTML 16Page - NXP Semiconductors 74HC5555N Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
September 1993
13
Philips Semiconductors
Product specification
Programmable delay timer with oscillator
74HC/HCT5555
Notes
1. The RS input has CMOS input switching levels.
2. The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications. To
determine
∆ICC per input, multiply this value by the unit load coefficient shown in the following table.
UNIT LOAD COEFFICIENT
VOH
HIGH level
output
voltage RTC
output
3.98
−−
3.84
−
3.7
−
V
4.5
RS = GND;
OSC CON
=VCC
Io = −2.6 mA
3.98
−−
3.84
−
3.7
−
V
4.5
RS = VCC;
OSC CON
= GND;
untriggered
Io =
−0.65 mA
4.4
4.5
−
4.4
−
4.4
−
V
4.5
RS = VCC;
OSC CON
= VCC
Io = −20 µA
4.4
4.5
−
4.4
−
4.4
−
V
4.5
RS = VCC;
OSC CON
= GND;
untriggered
Io = −20 µA
VOH
HIGH level
output
voltage CTC
output
3.98
−−
3.84
−
3.7
−
V
4.5
RS = VIH;
OSC CON
= VIH
Io = −3.2 mA
VOL
LOW level
output
voltage RTC
output
−−
0.26
−
0.33
−
0.4
V
4.5
RS = VCC;
OSC CON
= VCC
Io = 2.6 mA
−
0
0.1
−
0.1
−
0.1
V
4.5
RS = VCC;
OSC CON
= VCC
Io = 20 µA
VOL
LOW level
output
voltage CTC
output
−−
0.26
−
0.33
−
0.4
V
4.5
RS = VIL;
OSC CON
= VIL;
untriggered
Io = 3.2 mA
INPUT
UNIT LOAD COEFFICIENT
MR
0.35
A
0.69
B
0.50
RTR/RTR
0.35
OSC CON
1.20
S0 - S2
0.65
S3
0.40
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITION
+25
−40 to +85
−0to +125
VCC
(V)
VI
OTHER
MIN TYP MAX
MIN
MAX
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com