Electronic Components Datasheet Search
  English  ▼

X  

74HC564 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC564
Description  Octal D-type flip-flop; positive-edge trigger; 3-state; inverting
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC564 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC564 Datasheet HTML 1Page - NXP Semiconductors 74HC564 Datasheet HTML 2Page - NXP Semiconductors 74HC564 Datasheet HTML 3Page - NXP Semiconductors 74HC564 Datasheet HTML 4Page - NXP Semiconductors 74HC564 Datasheet HTML 5Page - NXP Semiconductors 74HC564 Datasheet HTML 6Page - NXP Semiconductors 74HC564 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
December 1990
5
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive-edge trigger;
3-state; inverting
74HC/HCT564
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
50
18
14
165
33
28
205
41
35
250
50
43
ns
2.0
4.5
6.0
Fig.6
tPZH/ tPZL
3-state output enable
time
OE to Qn
44
16
13
140
28
24
175
35
30
210
42
36
ns
2.0
4.5
6.0
Fig.8
tPHZ/ tPLZ
3-state output disable
time
OE to Qn
50
18
14
135
27
23
170
34
29
205
41
35
ns
2.0
4.5
6.0
Fig.8
tTHL/ tTLH
output transition time
14
5
4
60
12
10
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.6
tW
clock pulse width
HIGH or LOW
80
16
14
14
5
4
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6
tsu
set-up time
Dn to CP
60
12
10
6
2
2
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.7
th
hold time
Dn to CP
5
5
5
0
0
0
5
5
5
5
5
5
ns
2.0
4.5
6.0
Fig.7
fmax
maximum clock pulse
frequency
6.0
30
35
38
115
137
4.8
24
28
4.0
20
24
MHz
2.0
4.5
6.0
Fig.6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com