Electronic Components Datasheet Search
  English  ▼

X  

GC4114 Datasheet(PDF) 21 Page - Texas Instruments

Part # GC4114
Description  QUAD TRANSMIT CHIP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4114 Datasheet(HTML) 21 Page - Texas Instruments

Back Button GC4114 Datasheet HTML 17Page - Texas Instruments GC4114 Datasheet HTML 18Page - Texas Instruments GC4114 Datasheet HTML 19Page - Texas Instruments GC4114 Datasheet HTML 20Page - Texas Instruments GC4114 Datasheet HTML 21Page - Texas Instruments GC4114 Datasheet HTML 22Page - Texas Instruments GC4114 Datasheet HTML 23Page - Texas Instruments GC4114 Datasheet HTML 24Page - Texas Instruments GC4114 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Texas Instruments Inc.
- 17 -
MAY 22, 2000
GC4114 QUAD TRANSMIT CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
5.4
INTERPOLATION REGISTERS
Registers 3, and 4 contain the 14 bit interpolation ratio control.
ADDRESS 3:
Interpolation Byte 0
, suggested default = 0x07
BIT
TYPE
NAME
DESCRIPTION
0-7
R/W
INT[0:7]
The LSBs of the interpolation control
ADDRESS 4:
Interpolation Byte 1
, suggested default = 0x00
BIT
TYPE
NAME
DESCRIPTION
0-5
R/W
INT[8:13]
The 6 MSBs of the interpolation control
6,7
R
zero
Reads back zeros.
Where INT is equal to N-1. The chip interpolates the input data by a factor of 2N for real input data and 4N
for complex input data, where N ranges from 8 to 16384. This provides an interpolation range from 32 to 65,536 for
complex input signals and 16 to 32,768 for real input signals. NOTE: The chip needs to be flushed each time the
interpolation registers are changed. See Section 5.8.
5.5
INPUT MODE REGISTER
This register controls the input bit serial format.
ADDRESS 5:
Input Mode Register
, suggested default = 0x00
BIT
TYPE
NAME
DESCRIPTION
0 LSB
R/W
PACKED
Puts the serial inputs into the 32 bit transfer mode where each complex pair is packed
into 32 bit words. The complex pair is formatted as I word in the upper 16 bits and the
Q word in the lower 16 bits. Each word is formatted as MSB first.
1
R/W
REAL_INPUT
The serial input accepts real data samples (not complex) when this bit is set. In this
mode a single 16 bit word is expected after every REQ strobe, not a complex pair. The
user has the option to enter real input samples as complex pairs and to not use the
real input mode. If the complex mode (REAL_INPUT = 0) is used to enter real words,
then the real samples should be alternately placed in the I and Q halves of the
complex input pairs. NOTE: the REAL control bit in the interpolation mode register still
needs set to enable real data up conversion.
2
R/W
SCK_POL
The SIN Input bits and SFS frame strobes are clocked in on the trailing edge of SCK
when this bit is set. The rising edge is used when this bit is low.
3
R/W
SFS_POL
The SFS signal is treated as active low when this bit is set. Otherwise the signal is
treated as active high.
4
R/W
PARALLEL_A
The parallel/Serial control for channel A.
5
R/W
PARALLEL_B
The parallel/Serial control for channel B.
6
R/W
PARALLEL_C
The parallel/Serial control for channel C.
7
R/W
PARALLEL_D
The parallel/Serial control for channel D.
The parallel/serial control is low for serial input and high for parallel input. See Section 5.12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com