Electronic Components Datasheet Search
  English  ▼

X  

330IB7C Datasheet(PDF) 3 Page - HB Electronic Components

Part # 330IB7C
Description  LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

330IB7C Datasheet(HTML) 3 Page - HB Electronic Components

  330IB7C Datasheet HTML 1Page - HB Electronic Components 330IB7C Datasheet HTML 2Page - HB Electronic Components 330IB7C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LED SPECIFICATION
Page: 3 of 3
Typical electrical/optical characteristic curves:
400
100
Wavelength λ(nm)
0
50
25
75
700
650
550
600
500
450
2.0
50
40
2.0
1.5
1.0
2.5
40
20
30
50
FORWARD CURRENT Vs
FORWARD VOLTAGE
0.5
30
20
10
0
0
4.0
2.5
2.0
10
0
3.2
2.8
2.4
3.6
40
50
Forward Voltage(V)
FORWARD CURRENT
DERATING CURVE
IF-Forward Current (mA)
AMBIENT TEMPERATURE
LUMINOUS INTENSITY Vs.
FORWARD CURRENT
LUMINOUS INTENSITY Vs.
60
80
100
1.0
0.5
0
100
80
-40
-20
0
20
20
60
40
10
20
0
0
Ambient Temperature TA ()
℃
40
Ambient Temperature TA ()
℃
1.5
30
330IB7C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com