Electronic Components Datasheet Search
  English  ▼

X  

PLR Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # PLR
Description  RF PLL Synthesizer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

PLR Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  PLR Datasheet HTML 1Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
RF PLL Synthesizer
PLR-SERIES
The PLR-type is a RF PLL synthesizer designed to meet the requirements for a variety of
applications.Stationary or battery-operated, the unit is available in many different versions
from LowNoise, HighPower, LinearTuning, LowProfile or WideBand. Components are
selected for high-Q and tight tolerances.
Raltron’s PLR-series is developed and manufactured in its ISO900:2k certified facilities. RF-simulation (CAE), automated test-equip-
ment (Agilent VCO/PLL-Analyzer) and statistical process control (SPC) are integral part of R&D and manufacturing – which ensures
minimal process variances and a high degree of repeatability.
Description
Features
Applications
Mechanical Specification
General Specification
Phase Noise
1. Load Impedance is 50 Ohms.
2. Operating temperature range is typically –40°C…+85°C.
3. The package is non-hermetic. Substrate is glass-reinforced laminate,
the cover is folded nickel-silver.
4. Bypass-capacitors (ceramic) from Vcc to Ground are recommended:
1nF||100pF.
5. Customized specifications may deviate from this General
Specification.
6. Phase-noise performance depends on the individual specification.
Phase Noise is strongly dependent on (a) frequency (b) supply
voltage and (c) step size.
7. PLL Ics Available;
AD4113
LMX2526
8. For other requirements contact factory.
Telecommunications
High Performance Radio
Base Stations
Instrumentation
Frequency up to 3 GHz
Low Profile available: 3.9 mm
Low Phase Noise
Custom options available
Typical at 2140MHz, Step Size 200kHz
Electrical Specification
PARAMETER
COMMENTS, EXAMPLES
SYMBOL
MIN
TYP
MAX
UNIT
Max Frequency
Currently available in PLR-package
fo
700
3000 MHz
Step Size
Based-on PLL IC used.
10
1000 KHz
Supply Voltage
Battery operated 3.3V and 5V
Vcc
3.3
5
V
Supply Current(VCO/PLL)
Dependent on Frequency and Output Power
Icc
40
mA
Output Power
Output Power Tolerance is typ. ±6dBm ± 2 dB
Pout
4
+6
+8
dBm
Harmonic Suppression
Dependent on Tuning Range and Freq
a(2fo)
-25
dBc
Input Frequancy
fin
10
MHz
Input Frequency Amplitude
fin(A)
0.5
2
Vp-p


Similar Part No. - PLR

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
PLR RADIOMETRIX-PLR Datasheet
459Kb / 12P
NBFM Multi channel Data Packet Link Radios
logo
Littelfuse
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
logo
Bourns Electronic Solut...
PLR BOURNS-PLR Datasheet
705Kb / 4P
PLR Series – Planar Transformer
01/24
logo
PREMO CORPORATION S.L
PLR01-40HA PREMO-PLR01-40HA Datasheet
212Kb / 3P
Linear chokes
logo
Protek Devices
PLR01210-300 PROTEC-PLR01210-300 Datasheet
440Kb / 5P
POLYMER PTC DEVICE
More results

Similar Description - PLR

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
PLQ RALTRON-PLQ Datasheet
128Kb / 1P
RF PLL Synthesizer
logo
CRYSTEK CORPORATION
CPLL58-2175-2175 CRYSTEKMICROWAVE-CPLL58-2175-2175 Datasheet
135Kb / 6P
RF PLL Synthesizer
CPLL58-2400-2500 CRYSTEKMICROWAVE-CPLL58-2400-2500 Datasheet
135Kb / 6P
RF PLL Synthesizer
CPLL58-2416-2553 CRYSTEKMICROWAVE-CPLL58-2416-2553 Datasheet
130Kb / 6P
RF PLL Synthesizer
CPLL58-2450-2450 CRYSTEKMICROWAVE-CPLL58-2450-2450 Datasheet
135Kb / 6P
RF PLL Synthesizer
CPLL58-3475-3475 CRYSTEKMICROWAVE-CPLL58-3475-3475 Datasheet
144Kb / 7P
RF PLL Synthesizer
CPLL58-3900-4300 CRYSTEKMICROWAVE-CPLL58-3900-4300 Datasheet
145Kb / 7P
RF PLL Synthesizer
CPLL58-4160-4380 CRYSTEKMICROWAVE-CPLL58-4160-4380 Datasheet
160Kb / 6P
RF PLL Synthesizer
CPLL58-4240-4240 CRYSTEKMICROWAVE-CPLL58-4240-4240 Datasheet
135Kb / 6P
RF PLL Synthesizer
logo
Renesas Technology Corp
8V97052 RENESAS-8V97052 Datasheet
856Kb / 48P
High Resolution Wideband RF Synthesizer / PLL
May 20, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com