Electronic Components Datasheet Search
  English  ▼

X  

74HC595D Datasheet(PDF) 22 Page - NXP Semiconductors

Part # 74HC595D
Description  8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC595D Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button 74HC595D Datasheet HTML 18Page - NXP Semiconductors 74HC595D Datasheet HTML 19Page - NXP Semiconductors 74HC595D Datasheet HTML 20Page - NXP Semiconductors 74HC595D Datasheet HTML 21Page - NXP Semiconductors 74HC595D Datasheet HTML 22Page - NXP Semiconductors 74HC595D Datasheet HTML 23Page - NXP Semiconductors 74HC595D Datasheet HTML 24Page - NXP Semiconductors 74HC595D Datasheet HTML 25Page - NXP Semiconductors 74HC595D Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
2003 Jun 25
22
Philips Semiconductors
Product specification
8-bit serial-in, serial or parallel-out shift
register with output latches; 3-state
74HC595; 74HCT595
PACKAGE OUTLINES
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT38-4
95-01-14
03-02-13
MH
c
(e )
1
ME
A
L
A1
w M
b1
b2
e
D
A2
Z
16
1
9
8
E
pin 1 index
b
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
UNIT
A
max.
12
b1
(1)
(1)
(1)
b2
cD
E
e
M
Z
H
L
mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
A
min.
A
max.
b
max.
w
M E
e 1
1.73
1.30
0.53
0.38
0.36
0.23
19.50
18.55
6.48
6.20
3.60
3.05
0.254
2.54
7.62
8.25
7.80
10.0
8.3
0.76
4.2
0.51
3.2
inches
0.068
0.051
0.021
0.015
0.014
0.009
1.25
0.85
0.049
0.033
0.77
0.73
0.26
0.24
0.14
0.12
0.01
0.1
0.3
0.32
0.31
0.39
0.33
0.03
0.17
0.02
0.13
DIP16: plastic dual in-line package; 16 leads (300 mil)
SOT38-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com