Electronic Components Datasheet Search
  English  ▼

X  

TIB-BCMU Datasheet(PDF) 4 Page - TRACO Electronic AG

Part # TIB-BCMU
Description  Battery Controller Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TIB-BCMU Datasheet(HTML) 4 Page - TRACO Electronic AG

  TIB-BCMU Datasheet HTML 1Page - TRACO Electronic AG TIB-BCMU Datasheet HTML 2Page - TRACO Electronic AG TIB-BCMU Datasheet HTML 3Page - TRACO Electronic AG TIB-BCMU Datasheet HTML 4Page - TRACO Electronic AG TIB-BCMU Datasheet HTML 5Page - TRACO Electronic AG TIB-BCMU Datasheet HTML 6Page - TRACO Electronic AG TIB-BCMU Datasheet HTML 7Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.tracopower.com
Page 4 of 7
All specifications valid at nominal voltage, resistive full load and +25°C after warm-up time, unless otherwise stated.
TIB-BCMU Series
General Specifications
Relative Humidity
95% max. (non condensing)
Temperature Ranges
- Operating Temperature
- Storage Temperature
0°C to +60°C (no derating)
-25°C to +70°C
Cooling System
Natural convection (20 LFM)
Altitude During Operation
2'000 m max.
Acoustic Noise
<
20 dBa
Insulation System
- Input to Output
Non-isolated
Isolation Test Voltage
- Input to Case or PE, 60 s
- Output to Case or PE, 60 s
500 VDC
500 VDC
Standby Power
<
3.5 W typ.
Leakage Current
- Earth Leakage Current
- Touch Current
≤
0.5 mA
≤
0.1 mA
Reliability
- Calculated MTBF
1'000'000 h (IEC 61709)
Environment
- Vibration
- Mechanical Shock
IEC 60068-2-6
2 g, 3 axis, sine sweep, 10-55Hz, 11 oct/min
IEC 60068-2-27
25 g, 3 axis, half sine, 11 ms
Housing Material
Aluminium (Chassis)
Stainless Steel (Cover)
Housing Type
Metal Case
Mounting Type
DIN-Rail Mount
(EN 60715 - 35x7.5mm/35x15mm)
Connection Type
Screw Terminal
Weight
530 g
Environmental Compliance - REACH Declaration
- RoHS Declaration
www.tracopower.com/info/reach-declaration.pdf
REACH SVHC list compliant
REACH Annex XVII compliant
www.tracopower.com/info/rohs-declaration.pdf
Exemptions: 7a, 7c-I
(RoHS exemptions refer to the component con-
centration only, not to the overall concentration
in the product (O5A rule).
The SCIP number is provided on request.)
Supporting Documents
Overview Link (for additional Documents)
www.tracopower.com/overview/tib-bcmu



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com