Electronic Components Datasheet Search
  English  ▼

X  

TML-20105 Datasheet(PDF) 2 Page - TRACO Electronic AG

Part # TML-20105
Description  TML Series, 20&
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TML-20105 Datasheet(HTML) 2 Page - TRACO Electronic AG

  TML-20105 Datasheet HTML 1Page - TRACO Electronic AG TML-20105 Datasheet HTML 2Page - TRACO Electronic AG TML-20105 Datasheet HTML 3Page - TRACO Electronic AG TML-20105 Datasheet HTML 4Page - TRACO Electronic AG TML-20105 Datasheet HTML 5Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.tracopower.com
Page 2 of 5
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
AC/DC Power Modules
TML Series
20 & 40 Watt
Input Specifications
Input voltage ranges
– AC input
90 – 264 VAC
– DC Input
100 – 375 VDC
Input frequency
47 – 440 Hz
Input current at full load (115 VAC / 230 VAC nominal input)
TML 20 models:
400 mA / 270 mA max.
TML 40 models:
860 mA / 460 mA max.
Leakage current
TML 20 models:
0.25 mA max.
TML 40 models:
0.75 mA max.
Recommended Input Fuse
TML 20 models:
2.0 A (slow blow)
TML 40 models:
1.5 A (slow blow)
(The need of an external fuse has to be
assessed in the final application.)
Output Specifications
Voltage set accuracy
TML 20 models:
±2 %
TML 40103 model:
±3 %
TML 40 single and symetric dual output models:
±2 %
TML 40 asymetric dual and triple output models:
±3 % for output 1, ±5 % for output 2&3
Minimum load
TML 20 single and dual output models:
0 %
TML 20 triple output models:
10 % (each output)
TML 40 single output models:
1 %
TML 40 symetric dual output models:
10 % (each output)
TML 40 asymetric dual and triple output models:
25 % (each output)
operation at lower load condition will not
damage these power supplies, however, they
may not meet all listed specifications.
Ripple and noise (20 MHz bandwidth)
TML 20 models:
<0.7 % of Vout + 90 mV [Vp-p]
TML 40103 model:
<50 mVp-p
TML 40 other models:
<1 % of Vout [Vp-p]
Regulation – Input variation
single and symetric dual output models:
0.5 % (each output)
TML 20 triple output models:
1 % for output 1, 5 % for output 2&3
TML 40 asymetric dual and triple output models:
0.5 % for output 1, 5 % for output 2&3
Order code
Output
power
max.
Output 1
Output 2
Output 3
PCB mount
Chassis mount
TML 40103
TML 40103C
26.4 W
3.3 VDC/8000 mA
TML 40105
TML 40105C
5.0 VDC/8000 mA
TML 40112
TML 40112C
12 VDC/3333 mA
TML 40115
TML 40115C
15 VDC/2666 mA
TML 40124
TML 40124C
24 VDC/1667 mA
TML 40205
TML 40205C
40 W
+5.0 VDC/4000 mA
–5.0 VDC/4000 mA
TML 40212
TML 40212C
+12 VDC/1666 mA
–12 VDC/1666 mA
TML 40215
TML 40215C
+15 VDC/1333 mA
–15 VDC/1333 mA
TML 40252
TML 40252C
*5.0 VDC/5000 mA
*12 VDC/1250 mA
TML 40254
TML 40254C
*5.0 VDC/5000 mA
*24 VDC/625 mA
TML 40512
TML 40512C
*5.0 VDC/5000 mA
+12 VDC/600 mA
–12 VDC/600 mA
TML 40515
TML 40515C
*5.0 VDC/5000 mA
+15 VDC/500 mA
–15 VDC/500 mA
40 Watt Models
* Output floating



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com