Electronic Components Datasheet Search
  English  ▼

X  

TML-20105C Datasheet(PDF) 1 Page - TRACO Electronic AG

Part # TML-20105C
Description  TML Series, 20&
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TML-20105C Datasheet(HTML) 1 Page - TRACO Electronic AG

  TML-20105C Datasheet HTML 1Page - TRACO Electronic AG TML-20105C Datasheet HTML 2Page - TRACO Electronic AG TML-20105C Datasheet HTML 3Page - TRACO Electronic AG TML-20105C Datasheet HTML 4Page - TRACO Electronic AG TML-20105C Datasheet HTML 5Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.tracopower.com
Page 1 of 5
AC/DC Power Modules
TML Series, 20 & 40 Watt
The TML series are ultra compact AC/DC power supplies in a fully encapsulated
plastic case. They feature versions with screw terminals for easy installation or with
solder pins for direct PCB mounting. International safety approvals qualify this
product for worldwide markets. The TML series AC/DC modules offer an interesting
solution for many space critical applications in commercial and industrial electronic
equipment.
Features
u Encapsulated power supplies with
increased power density
u Replaces TML 15 and TML 30 series
u PCB mount or chassis mount with
screw terminals
u Single, dual and triple output models
u Universal input 90–264 VAC, 47–440 Hz
u EMI meets EN 55032, class B and
FCC, level B
u Protection class ll
u Short circuit and overload protection
u 3-year product warranty
Order code
Output
power
max.
Output 1
Output 2
Output 3
PCB mount
Chassis mount
TML 20103
TML 20103C
14.9 W
3.3 VDC/4500 mA
TML 20105
TML 20105C
5.0 VDC/4000 mA
TML 20112
TML 20112C
12 VDC/1670 mA
TML 20115
TML 20115C
15 VDC/1340 mA
TML 20124
TML 20124C
20 W
24 VDC/840 mA
TML 20205
TML 20205C
+5.0 VDC/2000 mA
–5.0 VDC/2000 mA
TML 20212
TML 20212C
+12 VDC/833 mA
–12 VDC/833 mA
TML 20215
TML 20215C
+15 VDC/667 mA
–15 VDC/667 mA
TML 20512
TML 20512C
*5 VDC/2800 mA
+12 VDC/250 mA
–12 VDC/250 mA
TML 20515
TML 20515C
*5 VDC/2800 mA
+15 VDC/200 mA
–15 VDC/200 mA
20 Watt Models
UL 60950-1
LVD
Also see:
TMLM Series, 4 to 20 Watt
highest power density, PCB mount.
www.tracopower.com/products/tmlm.pdf
Referance datasheet for primary TML models, see:
www.tracopower.com/products/tml-primary.pdf
(not recommended for new design in)
* Output floating


Similar Part No. - TML-20105C

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TML-20 TRACOPOWER-TML-20 Datasheet
264Kb / 3P
TML 100C Series, 85-100 Watt
Rev. March 21, 2023
More results

Similar Description - TML-20105C

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1409066 PHOENIX-1409066 Datasheet
88Kb / 6P
Housing set - HC-MOT-TML-SET
0801832 PHOENIX-0801832 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (104X2,8)R
0801833 PHOENIX-0801833 Datasheet
45Kb / 2P
Marking foil for zack marker strip - TML (104X3,8)R
0801834 PHOENIX-0801834 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (104X5)R
0801835 PHOENIX-0801835 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (104X10)R
0801838 PHOENIX-0801838 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (EX5)R
0801839 PHOENIX-0801839 Datasheet
47Kb / 2P
Marking foil for zack marker strip - TML (EX10)R
0830768 PHOENIX-0830768 Datasheet
52Kb / 2P
Marker for terminal blocks - US-TML (104X3,8)
logo
TRACO Electronic AG
TML-5-30 TRACOPOWER-TML-5-30 Datasheet
226Kb / 6P
TML Series, 5to
Rev. March 23. 2016
TML100C TRACOPOWER-TML100C Datasheet
264Kb / 3P
TML 100C Series, 85-100 Watt
Rev. March 21, 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com