Electronic Components Datasheet Search
  English  ▼

X  

TSP-BCMU Datasheet(PDF) 4 Page - TRACO Electronic AG

Part # TSP-BCMU
Description  Battery Controller Module TSP-BCMU360 Series, 360 Watt
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TSP-BCMU Datasheet(HTML) 4 Page - TRACO Electronic AG

  TSP-BCMU Datasheet HTML 1Page - TRACO Electronic AG TSP-BCMU Datasheet HTML 2Page - TRACO Electronic AG TSP-BCMU Datasheet HTML 3Page - TRACO Electronic AG TSP-BCMU Datasheet HTML 4Page - TRACO Electronic AG TSP-BCMU Datasheet HTML 5Page - TRACO Electronic AG TSP-BCMU Datasheet HTML 6Page - TRACO Electronic AG TSP-BCMU Datasheet HTML 7Page - TRACO Electronic AG TSP-BCMU Datasheet HTML 8Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
http://www.tracopower.com
Page 4 of 8
3. Battery
When the input DC voltage is present, the TSP-BCMU360 unit will automatically charge the connected battery to a set end of battery
charge voltage level, factory set for 25ºC for lead-acid batteries, using a constant current charging method of 1A (typical). As the bat-
tery voltage approaches the end of battery charge voltage level, the current will decrease proportionality; this characteristic is shown in
Figure 1. The user can adjust the set end of battery charge voltage level by means of the “Battery Voltage Adjust” potentiometer.
Note: For Cycle Use (repeated charging and discharging of battery), it is recommended to use a charge current of 0.4CA or smal-
ler, therefore batteries with a capacity of 2.5Ah or less should not be used with this module.
The module also provides an input connector for a temperature compensation probe. If this probe is connected, the unit will automati-
cally compensate the end of battery charge voltage level depending on the measured temperature. The connection of the temperature
probe also negates the need to change the potentiometer to compensate for a new temperature. The battery end voltage compensation
curve is shown in
Figure 2. (Applicable to factory setting of 13.6V/ 25ºC)
3.1 Battery Protection
The TSP-BCMU360 module protects the connected battery against short circuit and overload by the means of a built in 40A fuse. This
fuse is a standard 40A blade type fuse, which is accessible from the front panel of the unit for ease of replacement should the fuse be
damaged during operation. The module also prevents deep discharge of the battery by disconnecting the battery from the load once
the voltage level of battery has dropped below a defined threshold. An early warning of this disconnection is given to the user by me-
ans of the BATT-OK signal
(see chapter 6). The BATT-OK signal will switch off when the battery voltage is roughly 1V above the deep
discharge threshold.
Function Specification (continued)
13.6V
1A
Figure 1 – Battery Charge Characteristics
Figure 2
13.0
13.2
13.4
13.6
13.8
14.0
14.2
14.4
14.6
14.8
15.0
-15-10
-5
05
10
15
20
25
30
35
40
45
50
[V]
[ºC]
Battery End of Charge Voltage with Temperature Sensor
End of Charge Voltage
Battery Controller Module
TSP-BCMU360 Series
360 Watt



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com