Electronic Components Datasheet Search
  English  ▼

X  

TSPC Datasheet(PDF) 4 Page - TRACO Electronic AG

Part # TSPC
Description  Industrial Power Supplies TSPC Series, 50–480 Watt
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TSPC Datasheet(HTML) 4 Page - TRACO Electronic AG

  TSPC Datasheet HTML 1Page - TRACO Electronic AG TSPC Datasheet HTML 2Page - TRACO Electronic AG TSPC Datasheet HTML 3Page - TRACO Electronic AG TSPC Datasheet HTML 4Page - TRACO Electronic AG TSPC Datasheet HTML 5Page - TRACO Electronic AG TSPC Datasheet HTML 6Page - TRACO Electronic AG TSPC Datasheet HTML 7Page - TRACO Electronic AG TSPC Datasheet HTML 8Page - TRACO Electronic AG TSPC Datasheet HTML 9Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.tracopower.com
Page 4 of 9
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Industrial Power Supplies
TSPC Series
50–480 Watt
Outline Dimensions
TSPC 050-112
TSPC 050-124(HL*)
DC-OK
GND (DC-OK)
35.5 (1.45)
25.0 (0.98)
5.25 (0.21)
87.0 (3.56)
5.0 (0.20)
O/P Adjust
DC ON
*TSPC 050-124HL contains mating plug on DC-OK connector fitted with cable tie which enlarges height of product 9mm max.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com