Electronic Components Datasheet Search
  English  ▼

X  

TSPC080-124 Datasheet(PDF) 2 Page - TRACO Electronic AG

Part # TSPC080-124
Description  Industrial Power Supplies TSPC Series, 50–480 Watt
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TSPC080-124 Datasheet(HTML) 2 Page - TRACO Electronic AG

  TSPC080-124 Datasheet HTML 1Page - TRACO Electronic AG TSPC080-124 Datasheet HTML 2Page - TRACO Electronic AG TSPC080-124 Datasheet HTML 3Page - TRACO Electronic AG TSPC080-124 Datasheet HTML 4Page - TRACO Electronic AG TSPC080-124 Datasheet HTML 5Page - TRACO Electronic AG TSPC080-124 Datasheet HTML 6Page - TRACO Electronic AG TSPC080-124 Datasheet HTML 7Page - TRACO Electronic AG TSPC080-124 Datasheet HTML 8Page - TRACO Electronic AG TSPC080-124 Datasheet HTML 9Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.tracopower.com
Page 2 of 9
Industrial Power Supplies
TSPC Series
50–480 Watt
Input Specifications
Input voltage
– nominal ranges
TSPC 050
100 – 240 VAC universal input
other models
100 – 120 / 220 – 240 VAC by selection switch
– effective ranges
TSPC 050
85 – 264 VAC universal input
other models
85 – 132 / 187 – 264 VAC by selection switch
– output power derating at input <100 VAC
3.3 %/V
Input voltage frequency
47 – 63 Hz
Harmonic limits
EN 61000-3-2
Holdup time
10 ms min.
Inrush current
40 A
Recommended circuit breaker,
– TSPC 080/120
6.0 – 16.0 A
characteristic C
– TSPC 240
10.0 – 16.0 A
or fuse, slow blow type
– TSPC 480
16.0 – 25.0 A
Efficiency
85 – 93 %
Output Specifications
Output voltage adj. range
12 VDC models:
12 – 14 VDC
output power derating above 12 VDC :
10 %/V
24 VDC models:
24 – 28 VDC
output power derating above 24 VDC :
5 %/V
48 VDC models:
48 – 56 VDC
output power derating above 48 VDC :
2.5 %/V
Boost output current
120 % (at 24 VDC output voltage)
continuous at <+50°C ambient temperature
– power derating above 50°C ambient
2 %/°C
– power derating at input <115 VAC
1.3 %/V
– power derating at input <220 VAC
0.6 %/V (at upper input voltage range)
Regulation
– Input variation
1 % max.
– Load variation (0–100 %)
1 % max.
Ripple and Noise (20MHz bandwidth)
100 mVp-p typ. (200 mVp-p max.)
Overload protection
130 % min. (of Iout nom., constant current)
Short circuit current
90 % of Iout nom. (typ.), foldback
Output overvoltage protection
12 VDC models:
25 V max.
24 VDC models:
40 V max. (TSPC 120, TSPC 240, TSPC 480)
45 V max. (TSPC 050, TSPC 080)
48 VDC models:
60 V max.
Overtemperature protection
switch off at overtemperature, automatic restart
Power back immunity
12 VDC models:
16 V (18 V for 1 s)
24 VDC models:
35 V (40 V for 1 s)
48 VDC models:
63 V (65 V for 1 s)
Power OK signal
– trigger threshold
12 VDC models:
10.0 – 11.5 V
24 VDC models:
21.0 – 22.5 V
48 VDC models:
42.0 – 45.0 V
– output signal
12 VDC models:
open collector 20 mA max.
24 VDC models:
open collector 10 mA max.
48 VDC models:
open collector 5 mA max.
Active high: Connected to Vout in normal operation,
high resistance at failure
Max. capacitive load
unlimited
General Specifications
Temperature range
– Operating
–25°C to +70°C max. (with derating)
– Output current derating
2.5 %/°C above 60°C
– Storage
–40°C to +85°C
Cooling
convection cooling, no internal fan
Humidity (non condensing)
95 % rel. H max.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com