Electronic Components Datasheet Search
  English  ▼

X  

TMS-10124F Datasheet(PDF) 4 Page - TRACO Electronic AG

Part # TMS-10124F
Description  TMS Series, 6to
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMS-10124F Datasheet(HTML) 4 Page - TRACO Electronic AG

  TMS-10124F Datasheet HTML 1Page - TRACO Electronic AG TMS-10124F Datasheet HTML 2Page - TRACO Electronic AG TMS-10124F Datasheet HTML 3Page - TRACO Electronic AG TMS-10124F Datasheet HTML 4Page - TRACO Electronic AG TMS-10124F Datasheet HTML 5Page - TRACO Electronic AG TMS-10124F Datasheet HTML 6Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
http://www.tracopower.com
Page 4 of 6
AC/DC Power Modules
TMS Series
6 to 25 Watt
Outline Dimensions
Chassis mounting with FASTON- abs
TMS 10/15-F Models
Faston no 187 / 4.75 x 0.51mm (0.187 x 0.02)
TMS 25-F Models
Faston no 187/4.75 x 0.51mm (0.187 x 0.02)
Weight TMS 10-F: 80 g (2.8 oz)
TMS 15-F: 100 g (3.5 oz)
TMS 25-F: 150 g (5.3 oz)
3.5 (0.14)
8.1 (0.32)
45 (1.77)
20 (0.79)
22.5 (089)
3
2
1
4
5
6
Top view
+ 0.04
– 0.02
24 + 1.0
– 0.5
(0.94
)
(1.14
)
51 (2.01)
3.5 (0.14)
3.5 (0.14)
8.1 (0.32)
5.5 (0.22)
(0.22)
5.5
40 (1.57)
+ 0.04
– 0.02
29+ 1.0
– 0.5
3
2
1
4
5
6
Top view
TMS 10
TMS 15
a
75 (2.95)
84 (3.31)
b
65 (2.56)
74 (2.91)
c
55 (2.17)
64 (2.52)
d
47.6 (1.87) 55.1 (2.17)
Pin Out
Pin
Single
Dual
1
–V out
–V out
2
No Tab
Common
3
+V out
+V out
4
AC in
AC in
5
AC in
AC in
6
FG
FG
Pin Out
FG = field ground



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com