Electronic Components Datasheet Search
  English  ▼

X  

TML-15212C Datasheet(PDF) 4 Page - TRACO Electronic AG

Part # TML-15212C
Description  TML Series, 5to
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TML-15212C Datasheet(HTML) 4 Page - TRACO Electronic AG

  TML-15212C Datasheet HTML 1Page - TRACO Electronic AG TML-15212C Datasheet HTML 2Page - TRACO Electronic AG TML-15212C Datasheet HTML 3Page - TRACO Electronic AG TML-15212C Datasheet HTML 4Page - TRACO Electronic AG TML-15212C Datasheet HTML 5Page - TRACO Electronic AG TML-15212C Datasheet HTML 6Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
http://www.tracopower.com
Page 4 of 6
AC/DC Power Modules
TML Series
5 to 30 Watt
Outline Dimensions
TML 5 Models
Pin diameter ø 1.0 mm
TML 10 Models
Weight: 80 g (2.8 oz)
Weight: 95 g (3.4 oz)
( ) = Inches
Tolerances = 0.5mm (0.02)
1
2
3
4
5
6
4.0
(0.16)
47.0 ±0.3
(1.85 ±0.012)
55.0
(2.17)
20.5
(0.81)
10
(0.39)
Bottom view
Bottom view
1
2
3
4
5
20.5
(0.79)
10
(0.39)
4.0
(0.16)
6
54.0 ±0.3
(2.13 ±0.012)
64.0
(2.52)
Pin diameter ø 1.0 mm
Pin
Single
Dual
1
FG
FG
2
AC(N)
AC(N)
3
AC(L)
AC(L)
4
–V out
–V out
5
NC
Common
6
+V out
+V out
Pin-Out
Pin
Single
Dual
1
FG
FG
2
AC(N)
AC(N)
3
AC(L)
AC(L)
4
–V out
–V out
5
NC
Common
6
+V out
+V out
Pin-Out
NC = Not to connect
NC = Not to connect



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com