Electronic Components Datasheet Search
  English  ▼

X  

TMP-07 Datasheet(PDF) 4 Page - TRACO Electronic AG

Part # TMP-07
Description  TMP & TMPM Series, 4 to 60 Watt
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMP-07 Datasheet(HTML) 4 Page - TRACO Electronic AG

  TMP-07 Datasheet HTML 1Page - TRACO Electronic AG TMP-07 Datasheet HTML 2Page - TRACO Electronic AG TMP-07 Datasheet HTML 3Page - TRACO Electronic AG TMP-07 Datasheet HTML 4Page - TRACO Electronic AG TMP-07 Datasheet HTML 5Page - TRACO Electronic AG TMP-07 Datasheet HTML 6Page - TRACO Electronic AG TMP-07 Datasheet HTML 7Page - TRACO Electronic AG TMP-07 Datasheet HTML 8Page - TRACO Electronic AG TMP-07 Datasheet HTML 9Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.tracopower.com
Page 4 of 9
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
General Specifications
Temperature ranges
– Operating
TMPM 04 models:
–25°C to +60°C (no derating)
TMP 10 models:
–25°C to +50°C (no derating)
other models:
–25°C to +70°C (with derating)
– Storage (non-operating)
–40°C to +85°C
Power derating
3.3 %/K above +50°C to +65°C
5.0 %/K above +65°C to +70°C
(noderatingapprovedforTMPM04andTMP10models)
Over temperature protection
at 90°C (automatic recovery at 67°C)
Temperature coefficient
0.02 %/K
Humidity (non-condensing)
95 % rel. H max.
Altitude during operation
TMP 07 models:
5‘000 m max.
TMP 15(C) models:
2‘000 m max.
TMP 30(C) models:
2‘000 m max. (4‘000 m single output models)
TMP 60(C) models:
3‘000 m max.
TMPM 04 & TMPM 10 models:
5‘000 m max.
Switching frequency
100 kHz typ. fixed
Isolation voltage (60 sec.)
– Input/Output
3‘000 VAC
Isolation resistance
– Input/Output
100 MOhm (at 500 VDC)
Working voltage (rated)
250 VAC
Electromagnetic compatibility (EMC), Emissions
EN 61000-6-3
EN 61000-6-4
EN 61204-3: 2000, class A
EN 55011, EN 55032, FCC part 15: class B
Electromagnetic compatibility (EMC), Immunity
EN 61000-6-2: 2005
EN 61204-3: 2000, class A
– Electrostatic discharge ESD
EN 61000-4-2
8 kV / 4 kV, criteria B
– RF field susceptibility
EN 61000-4-3
10 V/m, criteria A
– Electrical fast transient / burst immunity input
EN 61000-4-4
±2 kV, criteria B
– Electrical fast transient / burst immunity output
EN 61000-4-4
±2 kV, criteria B
– Surge immunity line – neutral
EN 61000-4-5,
±1 kV, criteria B
– Surge immunity output
EN 61000-4-5
±0.5 kV, criteria B
– Immunity to conducted RF disturbances
EN 61000-4-6
10 V, criteria B
– Mains voltage dips and interruptions
EN 61000-4-11 30 % 10 ms, criteria B
60 % 100 ms, criteria C
95 % 5000 ms, criteria C
EMC test certificates
www.tracopower.com/overview/tmp
Protection class II
to IEC/EN 60536
Safety standards
– Information technology equipment
IEC/EN 60950-1, UL 60950-1
except TMP 10 models
: IEC/EN 62368-1, UL 62368-1
– Industrial control equipment
UL/cUL 508 (chassis mount single and symetric
dual output models only)
Safety approvals
– CB certificate for IEC 62368-1
www.tracopower.com/overview/tmp
– UL approvals for UL 62368-1
www.ul.com -> certifications -> File: e188913
– UL approval for UL 508 (chassis mount models only)
www.ul.com -> certifications -> File: e322109
Reliability /calculated MTBF
TMP 07, TMPM 04 & 10 models:
>330‘000 h
(MIL-HDBK-217F, at +25°C, ground benign)
TMP 10 models:
>300‘000 h
TMP 15 models:
>280‘000 h
TMP 30 models:
>250‘000 h
TMP 60 models:
>125‘000 h
Casing material
plastic resin + fiberglass (UL 94V-0 rated)
Environmental compliance
– Reach
www.tracopower.com/products/reach-declaration.pdf
– RoHS
RoHS directive 2011/65/EU
AC/DC Power Modules
TMP & TMPM Series
4 to 60 Watt



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com