Electronic Components Datasheet Search
  English  ▼

X  

2SA1841 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SA1841
Description  DARLINGTON POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1841 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SA1841 Datasheet HTML 1Page - Renesas Technology Corp 2SA1841 Datasheet HTML 2Page - Renesas Technology Corp 2SA1841 Datasheet HTML 3Page - Renesas Technology Corp 2SA1841 Datasheet HTML 4Page - Renesas Technology Corp 2SA1841 Datasheet HTML 5Page - Renesas Technology Corp 2SA1841 Datasheet HTML 6Page - Renesas Technology Corp 2SA1841 Datasheet HTML 7Page - Renesas Technology Corp 2SA1841 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D15590EJ3V0DS
2
2SA1841
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB =
−100 V, IE = 0 A
−1.0
µA
Emitter Cut-off Current
IEBO
VEB =
−5.0 V, IC = 0 A
−5.0
mA
DC Current Gain
Note
hFE1
VCE =
−2.0 V, IC = −4.0 A
4000
20000
hFE2
VCE =
−2.0 V, IC = −8.0 A
500
Collector Saturation Voltage
Note
VCE(sat)
IC =
−4.0 A, IB = −4.0 mA
−1.5
V
Base Saturation Voltage
Note
VBE(sat)
IC =
−4.0 A, IB = −4.0 mA
−2.0
V
Turn-on Time
ton
IC =
−4.0 A
0.2
µs
Storage Time
tstg
IB1 =
−IB2 = −4.0 mA
1.5
µs
Fall Time
tf
RL = 12.5
Ω, VCC = −50 V
0.7
µs
Note Pulsed test PW
≤ 350 ms, Duty Cycle ≤ 2%
hFE CLASSIFICATION
Marking
L
K
hFE1
4000 to 10000
8000 to 20000
SWITCHING TIME (ton, tstg, tf) TEST CIRCUIT
VCC
RL
IB1
IB2
IC
IC
T.U.T.
VIN
PW
PW = 50 s
VBB =
−5 V
Duty Cycle
≤ 2%
Base current
waveform
Collector current
waveform
ton
tstg tf
90%
IB1
IB2
10%
.
.
.
.
µ
★



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com