Electronic Components Datasheet Search
  English  ▼

X  

2SA1847 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SA1847
Description  SILICON POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1847 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SA1847 Datasheet HTML 1Page - Renesas Technology Corp 2SA1847 Datasheet HTML 2Page - Renesas Technology Corp 2SA1847 Datasheet HTML 3Page - Renesas Technology Corp 2SA1847 Datasheet HTML 4Page - Renesas Technology Corp 2SA1847 Datasheet HTML 5Page - Renesas Technology Corp 2SA1847 Datasheet HTML 6Page - Renesas Technology Corp 2SA1847 Datasheet HTML 7Page - Renesas Technology Corp 2SA1847 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998
©
Document No. D15593EJ2V0DS00 (2nd edition)
Date Published April 2002 N CP(K)
Printed in Japan
SILICON POWER TRANSISTOR
2SA1847
PNP SILICON EPITAXIAL TRANSISTOR
FOR HIGH-SPEED SWITCHING
DATA SHEET
2002
The 2SA1847 is a power transistor developed for high-speed switching and features a high hFE at low VCE(sat).
This transistor is ideal for use as a driver in DC/DC converters and actuators.
In addition, this transistor features a package that can be auto-mounted in radial taping specifications, thus
contributing to mounting cost reduction.
FEATURES
• Auto-mount possible in radial taping specifications
• Resin-molded insulation type package with power rating of 1.8 W in stand-alone conditions
• High hFE and low VCE(sat):
VCE(sat) =
−0.3 V MAX. @IC = −6.0 V, IB = −0.3 A
hFE
≥ 100
@VCE =
−2.0 V, IC = −2.0 A
• Fast switching speed
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
Ratings
Unit
Collector to base voltage
VCBO
−150
V
Collector to emitter voltage
VCEO
−100
V
Emitter to base voltage
VEBO
−7.0
V
Collector current (DC)
IC(DC)
−10
A
Collector current (pulse)
IC(pulse)
PW
≤ 300
µs, duty cycle ≤ 2%
−20
A
Base current (DC)
IB(DC)
−6.0
A
Total power dissipation
PT
Ta = 25
°C
1.8
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com