Electronic Components Datasheet Search
  English  ▼

X  

74HC6323 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC6323
Description  Programmable ripple counter with oscillator; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC6323 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC6323 Datasheet HTML 7Page - NXP Semiconductors 74HC6323 Datasheet HTML 8Page - NXP Semiconductors 74HC6323 Datasheet HTML 9Page - NXP Semiconductors 74HC6323 Datasheet HTML 10Page - NXP Semiconductors 74HC6323 Datasheet HTML 11Page - NXP Semiconductors 74HC6323 Datasheet HTML 12Page - NXP Semiconductors 74HC6323 Datasheet HTML 13Page - NXP Semiconductors 74HC6323 Datasheet HTML 14Page - NXP Semiconductors 74HC6323 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
September 1993
13
Philips Semiconductors
Product specification
Programmable ripple counter with
oscillator; 3-state
74HC/HCT6323A
APPLICATION INFORMATION
Fig.10 Power-on reset.
The input pull-up current is used to create a
power-on delay time at MR.
handbook, halfpage
MBA348
6323A
MR
5
Fig.11 Typical input pull-up current as a function
of the input voltage (VI).
handbook, halfpage
MBA347
0
12
3456
VI (V)
40
30
20
10
0
2 V
VCC = 6 V
4.3 V
−II
(
µA)
Fig.12 Typical input pull-up current as a function of
the supply voltage (VCC).
handbook, halfpage
0
MBA346
12
34
5
6
VCC (V)
50
40
30
20
10
−II
(
µA)
VI = 0 V
Table 1
Typical application values
Table 2
Typical Application Values
f (MHz)
R2 (k
Ω)
C1 (pF)
C2 (pF)
1
4.7
47 to 68
10
2.2
47 to 68
25
1
33
33
f (MHz)
Rbias (kΩ)
C1 (pF)
50
3.0
4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com