Electronic Components Datasheet Search
  English  ▼

X  

74HC652 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC652
Description  Octal bus transceiver/register; 3-state
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC652 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC652 Datasheet HTML 1Page - NXP Semiconductors 74HC652 Datasheet HTML 2Page - NXP Semiconductors 74HC652 Datasheet HTML 3Page - NXP Semiconductors 74HC652 Datasheet HTML 4Page - NXP Semiconductors 74HC652 Datasheet HTML 5Page - NXP Semiconductors 74HC652 Datasheet HTML 6Page - NXP Semiconductors 74HC652 Datasheet HTML 7Page - NXP Semiconductors 74HC652 Datasheet HTML 8Page - NXP Semiconductors 74HC652 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
September 1993
3
Philips Semiconductors
Product specification
Octal bus transceiver/register; 3-state
74HC/HCT652
ORDERING AND PACKAGE INFORMATION
PINNING
TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
74HC/HCT652N
24
DIL
plastic
SOT101L
74HC/HCT652D
24
SO
plastic
SOT137A
SYMBOL
PIN
DESCRIPTION
CPAB
1
A to B clock input
SAB
2
select A to B source input
OEAB
3
output enable A to B input
A0..A7
4..11
A data inputs/outputs
GND
12
ground (0 V)
B7..B0
13..20
B data inputs/outputs
OEBA
21
output enable B to A input
SBA
22
select B to A source input
CPBA
23
B to A clock input
VCC
24
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com