Electronic Components Datasheet Search
  English  ▼

X  

7FAA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 7FAA
Description  RF Power Barrel Capacitors, Class 1 and Class 2 Ceramic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

7FAA Datasheet(HTML) 2 Page - Vishay Siliconix

  7FAA Datasheet HTML 1Page - Vishay Siliconix 7FAA Datasheet HTML 2Page - Vishay Siliconix 7FAA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5FAE, 7FAA, 7FAU...
www.vishay.com
Vishay Cera-Mite
Revision: 30-Jan-2019
2
Document Number: 23141
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•# 8th digit of the part number: capacitance tolerance code ± 10 % = K, ± 20 % = M
• RoHS-compliant parts on request
(1) At rated voltage. Data presented is based on a minimum body temperature rise of 30 °C at +25 °C
Note
(1) Dimension L will vary depending upon capacitance value
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVDC)
MAX. POWER RATING (1)
(kvar)
MAXIMUM CURRENT RATING (1)
(ARMS)
1 MHz
10 MHz
30 MHz
1 MHz
10 MHz
30 MHz
TYPE 7FAA, 7FAU
7FAA100K
NP0 (C0G)
10
7.5
1.710
100.3
2.5
4.5
7FAA200K
20
3.2
10
10
0.8
3.5
7.0
7FAA250K
25
4.4
10
10
0.9
4.0
7.0
7FAA300K
30
5.3
10
10
1.0
2.4
7.5
7FAA500K
50
8.8
10
7.6
1.7
5.7
8.0
7FAU750K
N750 (U2J)
75
10
10
6.3
2.2
7.0
9.5
7FAU101K
100
10
10
4.8
2.5
8.0
0.5
TYPE 5FAE
5FAE501M
X5U
500
5.0
0.4
0.4
0.2
0.9
1.9
1.9
5FAE801M
800
0.6
0.3
0.2
1.7
3.5
3.5
5FAE102M
1000
0.4
0.2
0.15
1.7
3.7
3.7
DIMENSIONS in millimeters (inches)
TYPE
5FAE, 7FAA, 7FAU
Diameter Dmax.
20.7 (0.815)
Thread size
6-32 UNC-2B thread; 4.0 (0.157) depth
Length L1 max. (1)
22.6 (0.890)
Length L2 max. (1)
17.0 (0.670)
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22071
L
2 max.
L
1 max.
Thread size
D
max.
1/4" HEX



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com