Electronic Components Datasheet Search
  English  ▼

X  

672D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 672D
Description  Aluminum Capacitors 105 °C, Miniature, Radial Lead
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

672D Datasheet(HTML) 2 Page - Vishay Siliconix

  672D Datasheet HTML 1Page - Vishay Siliconix 672D Datasheet HTML 2Page - Vishay Siliconix 672D Datasheet HTML 3Page - Vishay Siliconix 672D Datasheet HTML 4Page - Vishay Siliconix 672D Datasheet HTML 5Page - Vishay Siliconix 672D Datasheet HTML 6Page - Vishay Siliconix 672D Datasheet HTML 7Page - Vishay Siliconix 672D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
672D
www.vishay.com
Vishay Sprague
Revision: 18-Jul-16
2
Document Number: 42054
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BULK SPECIFICATIONS in millimeters
Notes
Positive terminal
Negative terminal
No charge potential
(1) Available for 12.5 mm, 16 mm, and 18 mm diameter units
(2) Available for 12.5 mm, 16 mm, and 18 mm diameter units with epoxy end-seal
TERMINAL CODE C
S
D
7.1 min.
Sleeve
9.5 min.
W
L
+
-
TERMINAL CODE J (1)
S
D
L
25 min.
25 min.
25 min.
+
-
NC
Sleeve
W
TERMINAL CODE D
15 min.
W
20 min.
L
S
D
+
-
Sleeve
TERMINAL CODE O (2)
S
D
7.1 ± 1.6
5.0 ± 1.6
9.5 ± 1.6
T
W
L
+
-
Third lead may fall
within ± 20° of C
L
NC
Sleeve
DIMENSIONS in inches [millimeters]
CASE
CODE
NOMINAL
STYLES 2 AND 4
STYLES 3 AND 5
LEAD SPACING
LEAD DIAMETER
D
L
D (max.)
L (max.)
D (max.)
L (max.)
S ± 0.024
[0.60]
T ± 0.020
[0.50]
NOMINAL
AWG
CC
0.394 [10.0]
0.512 [13.0]
0.413 [10.5]
0.563 [14.3]
0.413 [10.5] 0.630 [16.0]
0.197 [5.0]
n/a
0.025 [0.63]
22
CD
0.394 [10.0]
0.630 [16.0] 0.413 [10.5]
0.669 [17.0]
0.413 [10.5] 0.740 [18.8] 0.197 [5.0]
n/a
0.025 [0.63]
22
CG
0.394 [10.0]
0.787 [20.0]
0.413 [10.5]
0.846 [21.5]
0.413 [10.5] 0.906 [23.0]
0.197 [5.0]
n/a
0.025 [0.63]
22
DG
0.492 [12.5]
0.787 [20.0]
0.512 [13.0]
0.846 [21.5]
0.512 [13.0] 0.906 [23.0]
0.197 [5.0]
0.098 [2.5]
0.032 [0.81]
20
DK
0.492 [12.5]
0.984 [25.0]
0.512 [13.0]
1.043 [26.5]
0.512 [13.0] 1.142 [29.0]
0.197 [5.0]
0.098 [2.5]
0.032 [0.81]
20
DM
0.492 [12.5]
1.043 [26.5]
0.512 [13.0]
1.102 [28.0] 0.512 [13.0] 1.161 [29.5] 0.197 [5.0]
0.098 [2.5]
0.032 [0.81]
20
DT
0.492 [12.5]
1.319 [33.5] 0.512 [13.0]
1.346 [34.2] 0.512 [13.0] 1.417 [36.0] 0.197 [5.0]
0.098 [2.5]
0.032 [0.81]
20
DS
0.492 [12.5]
1.673 [42.5] 0.512 [13.0]
1.720 [43.7] 0.512 [13.0] 1.791 [45.5] 0.197 [5.0]
0.098 [2.5]
0.032 [0.81]
20
EK
0.630 [16.0]
0.984 [25.0] 0.650 [16.5]
1.031 [26.2] 0.650 [16.5] 1.098 [27.9] 0.295 [7.5]
0.150 [3.8]
0.032 [0.81]
20
EN
0.630 [16.0]
1.260 [32.0]
0.650 [16.5]
1.319 [33.5]
0.650 [16.5] 1.417 [36.0]
0.295 [7.5]
0.150 [3.8]
0.032 [0.81]
20
ER
0.630 [16.0]
1.417 [36.0]
0.650 [16.5]
1.476 [37.5]
0.650 [16.5] 1.575 [40.0]
0.295 [7.5]
0.150 [3.8]
0.032 [0.81]
20
ET
0.630 [16.0]
1.319 [33.5]
0.650 [16.5]
1.347 [34.2]
0.650 [16.5] 1.417 [36.0]
0.295 [7.5]
0.150 [3.8]
0.032 [0.81]
20
EU
0.630 [16.0]
1.575 [40.0] 0.650 [16.5]
1.642 [41.7] 0.650 [16.5] 1.669 [42.4]
0.295 [7.5]
0.150 [3.8]
0.032 [0.81]
20
FR
0.709 [18.0]
1.417 [36.0]
0.728 [18.5]
1.476 [37.5]
0.728 [18.5] 1.575 [40.0]
0.295 [7.5]
0.150 [3.8]
0.032 [0.81]
20
FV
0.709 [18.0]
1.575 [40.0] 0.728 [18.5]
1.653 [42.0]
0.728 [18.5] 1.693 [43.0]
0.295 [7.5]
0.150 [3.8]
0.032 [0.81]
20
+
-
NC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com