Electronic Components Datasheet Search
  English  ▼

X  

604D152F075JS2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 604D152F075JS2
Description  Aluminum Capacitors 4-Terminal, Tubular, Axial Lead
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

604D152F075JS2 Datasheet(HTML) 4 Page - Vishay Siliconix

  604D152F075JS2 Datasheet HTML 1Page - Vishay Siliconix 604D152F075JS2 Datasheet HTML 2Page - Vishay Siliconix 604D152F075JS2 Datasheet HTML 3Page - Vishay Siliconix 604D152F075JS2 Datasheet HTML 4Page - Vishay Siliconix 604D152F075JS2 Datasheet HTML 5Page - Vishay Siliconix 604D152F075JS2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
604D
www.vishay.com
Vishay Sprague
Revision: 20-Jul-16
4
Document Number: 42040
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
25 WVDC AT +85 °C, SURGE = 30 V
1000
604D102F025GJ2
19.05 x 41.28
0.320
0.224
1.05
1200
604D122F025GL2
19.05 x 53.98
0.240
0.168
1.40
1800
604D182F025GP2
19.05 x 66.68
0.180
0.126
1.75
2200
604D222F025HL2
22.23 x 53.98
0.145
0.102
1.90
3300
604D332F025HP2
22.23 x 66.68
0.108
0.072
3.00
2700
604D272F025JL2
25.04 x 53.98
0.116
0.081
2.40
4700
604D472F025JP2
25.04 x 66.68
0.080
0.056
3.25
6800
604D682F025JS2
25.04 x 79.38
0.062
0.043
4.00
8200
604D822F025JT2
25.04 x 92.08
0.051
0.036
4.65
30 WVDC AT +85 °C, SURGE = 40 V
820
604D821F030GJ2
19.05 x 41.28
0.380
0.262
1.00
1000
604D102F030GL2
19.05 x 53.98
0.295
0.204
1.25
1500
604D152F030GP2
19.05 x 66.68
0.204
0.141
1.70
1800
604D182F030HL2
22.23 x 53.98
0.165
0.114
1.75
2700
604D272F030HP2
22.23 x 66.68
0.120
0.083
2.35
3900
604D392F030HS2
22.23 x 79.38
0.088
0.061
2.90
2200
604D222F030JL2
25.04 x 53.98
0.133
0.092
2.25
3300
604D332F030JP2
25.04 x 66.68
0.095
0.056
3.00
4700
604D472F030JS2
25.04 x 79.38
0.074
0.051
3.60
5600
604D562F030JT2
25.04 x 92.08
0.059
0.041
4.40
40 WVDC AT +85 °C, SURGE = 50 V
680
604D681F040GJ2
19.05 x 41.28
0.480
0.322
0.90
820
604D821F040GL2
19.05 x 53.98
0.380
0.255
1.15
1000
604D102F040HJ2
22.23 x 41.28
0.295
0.197
1.20
1500
604D152F040HL2
22.23 x 53.98
0.220
0.147
1.55
2200
604D222F040HP2
22.23 x 66.68
0.155
0.104
2.15
3300
604D332F040HS2
22.23 x 79.38
0.115
0.077
2.60
1800
604D182F040JL2
25.04 x 53.98
0.175
0.117
2.05
3900
604D392F040JS2
25.04 x 79.38
0.091
0.061
3.40
4700
604D472F040JT2
25.04 x 92.08
0.074
0.050
4.10
50 WVDC AT +85 °C, SURGE = 75 V
470
604D471F050GJ2
19.05 x 41.28
0.430
0.280
0.93
560
604D561F050GL2
19.05 x 53.98
0.325
0.212
1.15
680
604D681F050HJ2
22.23 x 41.28
0.245
0.160
1.25
820
604D821F050HL2
22.23 x 53.98
0.185
0.120
1.60
1200
604D122F050HP2
22.23 x 66.68
0.130
0.085
2.15
1000
604D102F050JL2
25.04 x 53.98
0.150
0.098
2.10
1500
604D152F050JP2
25.04 x 66.68
0.108
0.070
2.80
2200
604D222F050JS2
25.04 x 79.38
0.081
0.053
3.40
3300
604D332F050JT2
25.04 x 92.08
0.065
0.042
4.25
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
(mm)
MAX. ESR
AT 100 kHz / 25 °C
(
)
MAX. Z
AT 100 kHz / 25 °C
(
)
MAX. RIPPLE
CURRENT
AT 100 kHz / 85 °C
(A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com