Electronic Components Datasheet Search
  English  ▼

X  

74HC652D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC652D
Description  Octal bus transceiver/register; 3-state
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC652D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC652D Datasheet HTML 2Page - NXP Semiconductors 74HC652D Datasheet HTML 3Page - NXP Semiconductors 74HC652D Datasheet HTML 4Page - NXP Semiconductors 74HC652D Datasheet HTML 5Page - NXP Semiconductors 74HC652D Datasheet HTML 6Page - NXP Semiconductors 74HC652D Datasheet HTML 7Page - NXP Semiconductors 74HC652D Datasheet HTML 8Page - NXP Semiconductors 74HC652D Datasheet HTML 9Page - NXP Semiconductors 74HC652D Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
September 1993
6
Philips Semiconductors
Product specification
Octal bus transceiver/register; 3-state
74HC/HCT652
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI.
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
MIN. TYP.
MAX.
MIN. MAX.
MIN.
MAX.
tPHL/tPLH
propagation delay
An, Bn to Bn, An
−
−
−
44
16
13
135
27
23
−
−
−
170
34
29
−
−
−
205
41
35
ns
2.0
4.5
6.0
Fig.6
tPHL/tPLH
propagation delay
CPAB, CPBA to Bn, An
−
−
−
61
22
18
190
38
32
−
−
−
240
48
41
−
−
−
285
57
48
ns
2.0
4.5
6.0
Fig.7
tPHL/tPLH
propagation delay
SAB, SBA to Bn, An
−
−
−
63
23
18
195
39
33
−
−
−
245
49
42
−
−
−
295
59
50
ns
2.0
4.5
6.0
Fig.8
tPZH/tPZL
3-state output enable
time
OEAB, OEBA to An, Bn
−
−
−
47
17
14
150
30
26
−
−
−
190
38
33
−
−
−
225
45
38
ns
2.0
4.5
6.0
Fig.9
tPHZ/tPLZ
3-state output disable
time
OEAB, OEBA to An, Bn
−
−
−
41
15
12
150
30
26
−
−
−
190
38
33
−
−
−
225
45
38
ns
2.0
4.5
6.0
Fig.9
tTHL/tTLH
output transition time
−
−
−
14
5
4
60
12
10
−
−
−
75
15
13
−
−
−
90
18
15
ns
2.0
4.5
6.0
Figs 6, 8
tW
clock pulse width
HIGH or LOW
CPAB or CPBA
80
16
14
17
6
5
−
−
−
100
20
17
−
−
−
120
24
20
−
−
−
ns
2.0
4.5
6.0
Fig.7
tsu
set-up time
An, Bn to CPAB, CPBA
100
20
17
17
6
5
−
−
−
125
25
21
−
−
−
150
30
26
−
−
−
ns
2.0
4.5
6.0
Fig.7
th
hold time
An, Bn to CPAB, CPBA
25
5
4
−8
−3
−2
−
−
−
30
6
5
−
−
−
35
7
6
−
−
−
ns
2.0
4.5
6.0
Fig.7
fmax
maximum clock pulse
frequency
6.0
30
35
16
83
98
−
−
−
4.8
24
28
−
−
−
4.0
20
24
−
−
−
MHz
2.0
4.5
6.0
Fig.7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com