Electronic Components Datasheet Search
  English  ▼

X  

CD214C Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CD214C
Description  CD214C Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214C Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD214C Datasheet HTML 1Page - Bourns Electronic Solutions CD214C Datasheet HTML 2Page - Bourns Electronic Solutions CD214C Datasheet HTML 3Page - Bourns Electronic Solutions CD214C Datasheet HTML 4Page - Bourns Electronic Solutions CD214C Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD214C Transient Voltage Suppressor Diode Series
Electrical Characteristics (@TA = 25 °C unless otherwise noted)
Maximum
Maximum
Maximum
Unidirectional Device
Bidirectional Device
Working Peak
Reverse
Reverse
Reverse
Breakdown Voltage
Reverse
Leakage
Voltage
Surge
Part
Part
Part
Part
VBR (Volts)
Voltage
@ VRWM
@IRSM
Current
Number
Marking
Number
Marking
Min.
Max.
@ IT (mA)
VRWM (Volts)
IR (uA)
VRSM (Volts)
IRSM (Amps)
CD214C-T5.0A
GDE
CD214C-T5.0CA
BDE
6.4
7.23
10
5
1000
9.2
163
CD214C-T6.0A
GDG
CD214C-T6.0CA
BDG
6.67
7.67
10
6
1000
10.3
145.6
CD214C-T6.5A
GDK
CD214C-T6.5CA
BDK
7.22
8.3
10
6.5
500
11.2
133.9
CD214C-T7.0A
GDM
CD214C-T7.0CA
BDM
7.78
8.95
10
7
200
12
125
CD214C-T7.5A
GDP
CD214C-T7.5CA
BDP
8.33
9.58
1
7.5
100
12.9
116.3
CD214C-T8.0A
GDR
CD214C-T8.0CA
BDR
8.89
10.2
1
8
50
13.6
110.3
CD214C-T8.5A
GDT
CD214C-T8.5CA
BDT
9.44
10.8
1
8.5
20
14.4
104.2
CD214C-T9.0A
GDV
CD214C-T9.0CA
BDV
10
11.5
1
9
10
15.4
97.4
CD214C-T10A
GDX
CD214C-T10CA
BDX
11.1
12.8
1
10
5
17
88.2
CD214C-T11A
GDZ
CD214C-T11CA
BDZ
12.2
14.4
1
11
5
18.2
82.4
CD214C-T12A
GEE
CD214C-T12CA
BEE
13.3
15.3
1
12
5
19.9
75.3
CD214C-T13A
GEG
CD214C-T13CA
BEG
14.4
16.5
1
13
5
21.5
69.7
CD214C-T14A
GEK
CD214C-T14CA
BEK
15.6
17.9
1
14
5
23.2
64.7
CD214C-T15A
GEM
CD214C-T15CA
BEM
16.7
19.2
1
15
5
24.4
61.5
CD214C-T16A
GEP
CD214C-T16CA
BEP
17.8
20.5
1
16
5
26
57.7
CD214C-T17A
GER
CD214C-T17CA
BER
18.9
21.7
1
17
5
27.6
53.3
CD214C-T18A
GET
CD214C-T18CA
BET
20
23.3
1
18
5
29.2
51.4
CD214C-T20A
GEV
CD214C-T20CA
BEV
22.2
25.5
1
20
5
32.4
46.3
CD214C-T22A
GEX
CD214C-T22CA
BEX
24.4
28
1
22
5
35.5
42.2
CD214C-T24A
GEZ
CD214C-T24CA
BEZ
26.7
30.7
1
24
5
38.9
38.6
CD214C-T26A
GFE
CD214C-T26CA
BFE
28.9
32.2
1
26
5
42.1
35.6
CD214C-T28A
GFG
CD214C-T28CA
BFG
31.1
35.8
1
28
5
45.4
33
CD214C-T30A
GFK
CD214C-T30CA
BFK
33.3
38.3
1
30
5
48.4
31
CD214C-T33A
GFM
CD214C-T33CA
BFM
36.7
42.2
1
33
5
53.3
28.1
CD214C-T36A
GFP
CD214C-T36CA
BFP
40
46
1
36
5
58.1
25.8
CD214C-T40A
GFR
CD214C-T40CA
BFR
44.4
51.1
1
40
5
64.5
23.3
CD214C-T43A
GFT
CD214C-T43CA
BFT
47.8
54.9
1
43
5
69.4
21.6
CD214C-T45A
GFV
CD214C-T45CA
BFV
50
57.5
1
45
5
72.7
20.6
CD214C-T48A
GFX
CD214C-T48CA
BFX
53.3
61.3
1
48
5
77.4
19.4
CD214C-T51A
GFZ
CD214C-T51CA
BFZ
56.7
65.2
1
51
5
82.4
18.2
CD214C-T54A
GGE
CD214C-T54CA
BGE
60
69
1
54
5
87.1
17.2
CD214C-T58A
GGG
CD214C-T58CA
BGG
64.4
74.6
1
58
5
93.6
16
CD214C-T60A
GGK
CD214C-T60CA
BGK
66.7
76.7
1
60
5
96.8
15.5
CD214C-T64A
GGM
CD214C-T64CA
BGM
71.1
81.8
1
64
5
103
14.6
CD214C-T70A
GGP
CD214C-T70CA
BGP
77.8
89.5
1
70
5
113
13.3
CD214C-T75A
GGR
CD214C-T75CA
BGR
83.3
95.8
1
75
5
121
12.4
CD214C-T78A
GGT
CD214C-T78CA
BGT
86.7
99.7
1
78
5
126
11.4
CD214C-T85A
GGV
CD214C-T85CA
BGV
94.4
108.2
1
85
5
137
10.4
CD214C-T90A
GGX
CD214C-T90CA
BGX
100
115.5
1
90
5
146
10.3
CD214C-T100A
GGZ
CD214C-T100CA
BGZ
111
128
1
100
5
162
9.3
CD214C-T110A
GHE
CD214C-T110CA
BHE
122
140
1
110
5
177
8.4
CD214C-T120A
GHG
CD214C-T120CA
BHG
133
153
1
120
5
193
7.9
CD214C-T130A
GHK
CD214C-T130CA
BHK
144
165
1
130
5
209
7.2
CD214C-T150A
GHM
CD214C-T150CA
BHM
167
192
1
150
5
243
6.2
CD214C-T160A
GHP
CD214C-T160CA
BHP
178
205
1
160
5
259
5.8
CD214C-T170A
GHR
CD214C-T170CA
BHR
189
217.5
1
170
5
275
5.5
Notes:
1. Suffix ‘A’ denotes a 5 % tolerance device.
3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double.
2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device.
4. For unidirectional devices with a VF max. of 3.5 V at an IF of 35 A, 0.5 Sine Wave
of 8.3 ms Pulse Width.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com