Electronic Components Datasheet Search
  English  ▼

X  

AN1484 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1484
Description  A 3.6 WATTS TRAVEL ADAPTOR USING VIPer12A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1484 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1484 Datasheet HTML 1Page - STMicroelectronics AN1484 Datasheet HTML 2Page - STMicroelectronics AN1484 Datasheet HTML 3Page - STMicroelectronics AN1484 Datasheet HTML 4Page - STMicroelectronics AN1484 Datasheet HTML 5Page - STMicroelectronics AN1484 Datasheet HTML 6Page - STMicroelectronics AN1484 Datasheet HTML 7Page - STMicroelectronics AN1484 Datasheet HTML 8Page - STMicroelectronics AN1484 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AN1484 - APPLICATION NOTE
4/11
The accuracy of this circuit is limited especially in
temperature but is unrivalled in terms of cost. The
addition of R5 base resistor is necessary in short
circuit
to
avoid
destroying
T1
Base-Emitter
junction. R3 is also necessary in short circuit
otherwise T1 collector current directly flows
through D6 and the optocoupler is not driven
anymore, leading to an increase of short circuit
power consumption. C8 limits the gain in frequency
of T1, stabilising the loop.
2.0 THE TRANSFORMER
An important part of a SMPS design lies in the
transformer. Its performances are a key to the
system performances.
The requirements for this application are: small
size and limited voltage on the drain.
Table 2: Transformer Target Specification
2.1 Primary inductance
A simple calculation gives the range of values of
primary inductance suitable for this application.
VIPer12A has a drain current limitation of 360mA
min. The energy transferred is E=1/2LpIp2*fsw in
discontinuous mode. Emin=5W, Ip=360mA and
fsw=50kHz giving Lp>1.54mH.
The transition mode is when Ton*Vin=Toff*Vr
(Ton*Vin=Lp*Ip). The expression of Lp is:
Lp=1/2*(Ton*Vin)2*fsw/E
With Vin=150V, Vr=50V, Ton=5us, E=5W give
Lp=2.8mH.
Vin was chosen to reach the continuous mode at
low input voltage level. Vr is low to limit the drain
peak voltage.
The transformer optimisation has led to a final
value of 2.5mH partly to reduce the primary turns
and their power dissipation with an E12.5 bobbin.
2.2 Transformer Structure
A standard transformer structure (so called with
windings order Primary/Auxiliary/Secondary) gives
the following results on VIPer12A supply:
Table
3:
VIPer12A
Vdd
with
a
Standard
Transformer
Two concerns can be seen from this table:
- the VIPer12A is not going in hiccup mode in Short
Circuit
- The supply voltage is too low in Standby with the
risk of a "Bad burst mode" with higher standby
consumption
and
poor
regulation
(VIPer12A
undervoltage is at 9V max with 8V Typical).
The solution, implemented in the demoboard, is
the optimized structure (so called with windings
order: Primary/Secondary/Auxiliary) shown on
figure 3.
Figure 3: Transformer Structure
Parameters
Value
Power
5W
Saturation Current
> 400mA
Primary Inductance
2.5mH
Reflected Voltage
50V
Leakage Inductance
< 100
µH or <3%
Primary Capacitance
> 20pF
Conditions
100VDC
380VDC
Stand-by
10V
8V
Load 6V/100mA
15V
15V
Load 6V/600mA
25V
26V
Short Circuit
9V
10V
CORE
Bobin
Primary
Secondary
Auxiliary
CORE
Bobin
Primary
Secondary
Auxiliary
Optimisation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com