Electronic Components Datasheet Search
  English  ▼

X  

LTC3632 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3632
Description  40V, 1A Synchronous Step-Down Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3632 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3632 Datasheet HTML 18Page - Linear Technology LTC3632 Datasheet HTML 19Page - Linear Technology LTC3632 Datasheet HTML 20Page - Linear Technology LTC3632 Datasheet HTML 21Page - Linear Technology LTC3632 Datasheet HTML 22Page - Linear Technology LTC3632 Datasheet HTML 23Page - Linear Technology LTC3632 Datasheet HTML 24Page - Linear Technology LTC3632 Datasheet HTML 25Page - Linear Technology LTC3632 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC3646/LTC3646-1
22
36461fc
For more information www.linear.com/LTC3646
Figure 9
APPLICATIONS INFORMATION
Design Example
As a design example, consider using the LTC3646-1 in an
application with the following specifications: VIN = 12V,
VOUT = 1.8V, IOUT(MAX) = 1A, IOUT(MIN) = 10mA.
Because efficiency is important at both high and low load
currents, Burst Mode operation and 1MHz operation is
chosen.
First the correct RRT resistor value for 1MHz switching
frequency must be chosen. Based on the equation dis-
cussed previously, the closest standard resistor value
for RRT is 90.9k.
Next, determine the inductor value for approximately 35%
ripple current using:
L =
1.8V
1MHz • 350mA
 1−
1.8V
12V
 = 4.37µH
A standard 4.7µH inductor would work well for this ap-
plication.
NextCOUTisselectedbasedontherequiredoutputtransient
performance and the required ESR to satisfy the output
voltage ripple. Using a 15µF ceramic capacitor with an
ESR of 5mΩ will result in approximately 5mV of ripple.
Decoupling the PVIN pin with a 22µF capacitor and the
SVIN pin with a 1µF capacitor should be adequate for
most applications. A 0.1µF boost capacitor should also
work for most applications.
To save board space the ITH pin is connected to INTVCC
to select internal compensation. Since the switching and
Q current drawn from the 12V supply is not a significant
source of loss or heat, EXTVCC is disabled by tying the
pin to SGND.
SVIN
RUN
INTVCC
MODE/SYNC
ITH
PGOOD
RT
EXTVCC
PVIN
BOOST
SW
VON
VFB
LTC3646-1
LOUT
4.7µH
SGND
PGND
CBOOST
0.1µF
R1
150k
CVCC
4.7µF
RPG
100k
CSVIN
1µF
R2
75k
3646 F09
CF
1pF
COUT
15µF
VOUT
12V
RRT
90.9k
CPVIN
22µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com