Electronic Components Datasheet Search
  English  ▼

X  

LT8610AB Datasheet(PDF) 10 Page - Linear Technology

Part # LT8610AB
Description  40V, 1A Synchronous Step-Down Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AB Datasheet(HTML) 10 Page - Linear Technology

Back Button LT8610AB Datasheet HTML 6Page - Linear Technology LT8610AB Datasheet HTML 7Page - Linear Technology LT8610AB Datasheet HTML 8Page - Linear Technology LT8610AB Datasheet HTML 9Page - Linear Technology LT8610AB Datasheet HTML 10Page - Linear Technology LT8610AB Datasheet HTML 11Page - Linear Technology LT8610AB Datasheet HTML 12Page - Linear Technology LT8610AB Datasheet HTML 13Page - Linear Technology LT8610AB Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC3646/LTC3646-1
10
36461fc
For more information www.linear.com/LTC3646
OPERATION
SVIN/PVIN Overvoltage Protection
In order to protect the internal power MOSFET devices
againsttransientvoltagespikes,theLTC3646continuously
monitors the SVIN pin for an overvoltage condition. When
SVIN rises above VIN(OV), the regulator suspends opera-
tion by shutting off both power MOSFETs and resetting
the soft-start level. Once VIN drops to below the specified
rangeofVIN(OV),theregulatorimmediatelyrestartsnormal
operation.
Short-Circuit Protection
TheLTC3646isdesignedtowithstandoutputshortcircuits.
In this situation the part will source ILIM (approximately
1.2A) plus half the inductor current ripple. Since VOUT is
at or near 0V, the on-time will shorten and the off-time
will lengthen considerably, resulting in a lower switching
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com