Electronic Components Datasheet Search
  English  ▼

X  

74HC7080 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC7080
Description  16-bit even/odd parity generator/checker
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7080 Datasheet(HTML) 8 Page - NXP Semiconductors

  74HC7080 Datasheet HTML 1Page - NXP Semiconductors 74HC7080 Datasheet HTML 2Page - NXP Semiconductors 74HC7080 Datasheet HTML 3Page - NXP Semiconductors 74HC7080 Datasheet HTML 4Page - NXP Semiconductors 74HC7080 Datasheet HTML 5Page - NXP Semiconductors 74HC7080 Datasheet HTML 6Page - NXP Semiconductors 74HC7080 Datasheet HTML 7Page - NXP Semiconductors 74HC7080 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
December 1990
8
Philips Semiconductors
Product specification
16-bit even/odd parity generator/checker
74HC/HCT7080
TEST CIRCUIT AND WAVEFORMS
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.8 Test circuit for measuring AC performance.
CL
=
load capacitance including jig and
probe capacitance
(see AC CHARACTERISTICS for values).
RT
=
termination resistance should be equal to the output
impedance ZO of the pulse generator.
FAMILY
AMPLITUDE
VM
tr; tf
fmax; PULSE WIDTH
OTHER
74HC
VCC
50%
< 2 ns
6 ns
74HCT
3.0 V
1.3 V
< 2 ns
6 ns
Fig.9 Input pulse definitions.
CL
=
load capacitance including jig and
probe capacitance
(see AC CHARACTERISTICS for values).
RT
=
termination resistance should be equal to the output
impedance ZO of the pulse generator.
FAMILY
AMPLITUDE
VM
tr; tf
fmax; PULSE WIDTH
OTHER
74HC
VCC
50%
< 2 ns
6 ns
74HCT
3.0 V
1.3 V
< 2 ns
6 ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com