Electronic Components Datasheet Search
  English  ▼

X  

RNP50U Datasheet(PDF) 2 Page - DB Lectro Inc

Part # RNP50U
Description  50W TO220 HIGH POWER RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

RNP50U Datasheet(HTML) 2 Page - DB Lectro Inc

  RNP50U Datasheet HTML 1Page - DB Lectro Inc RNP50U Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER SOLUTION -
DBL
50W TO220 HIGH POWER RESISTORS
RNP50U
Specifications
Specifications
Test Conditions
Rated Power
50 Watt
-55 to 25 C flange temperature
Rating Power
1 Watt
Free air.
Heat Resistance
2.3 C/W
Hot spot to flange
Resistance Range
0.1-9.1ohm
10-220ohm
220-51k ohm are available, see Note
Nominal Resistance
E24
E24
Include 2.5 and 5.0
TCR
100ppm/C (A)
50ppm/C (C)
-55 to +155 C
Tolerance
1% (F) and 5% (J)
+/-1% (F)
Operation Temp. Range
-55C to+155C
Max. Operating Volt.
500V or sqrt (PR)
Withstanding Voltage
DC2000 Volt
60 seconds.
Load Life
+/-(1.0 %+0.05 ohm)
25C, 90 min.ON,30min.OFF,1000hours.
Humidity
+/- (1.0 %+0.05 ohm)
40C,90-95%RH,DC0.1W,1000hours.
Temp. Cycle
+/- (0.25 %+0.05 ohm)
-55 C,30 min.,+155 C,30 min., 5cycles
Soldering Heat
+/- (0.1 %+0.05 ohm)
350+/-5 C, 3seconds,
Solder ability
Over 95% of surface
230+/-5 C, 3seconds.
Insulation Resistance
Over 1,000 Meg ohm
Between terminals and tab.
Vibration
+/- (0.25 %+0.05 ohm)
Note: At resistance from 220 to 51kohms rating power shall be restricted in 30W.
Derating
Temperature Rise
Pulse Energy Durability
Frequency Characteristics
20050126
Temperature Rise (C)
140
RNP50UC500 F
120
100
Hot spot temperature on resistor based
80
referenced from flange temperature.
60
40
20
0
0
10
20
30
40
50
Power (Watt
)
Impedance (ohm)
1k
RNP50U C1K0F
RNP50U C101F
100
RNP50U C100F
10
RNP50U C500F
RNP50U C220F
1
100k
1M
10M
100M
1G
10G
Frequency (Hz)
One time rectangular impulse. Pulse Peak Watt (Watts)
10K
RNP-50UC100F
1K
100
10
1µ
10µ
100µ
1m
10m
100m
Pulse With (seconds)
Rating Power (W)
50
+25C
40
30
20
10
+155C
0
-50
0
50
100
150
200
Flange Temperature (C)
Lead Free
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com