Electronic Components Datasheet Search
  English  ▼

X  

AFC5 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AFC5
Description  Single and dual output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AFC5 Datasheet(HTML) 1 Page - Artesyn Technologies

  AFC5 Datasheet HTML 1Page - Artesyn Technologies AFC5 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AFC5 SERIES
Single and dual output
[ 2 YEAR WARRANTY ]
• Linear regulated outputs
• Very low output noise
• 2 x 1 x 0.375 inch package
• Six sided shielding
• Short circuit protection
• UL94V-0 case
The AFC5 Series of fixed frequency DC/DC converters provide 5 Watts of
power, low output noise and tight output regulation, all housed within a 2 x 1
inch case. Six sided shielding to negate radiated noise and a non conductive
base to prevent shorting to the PCB are standard features. Short circuit
protection, isolation voltage of 500VDC, and a voltage accuracy of ±1% are
included to offer the best possible solution to a system designer’s low power
needs. Ideal applications for the AFC5 are data acquisition, digital to analog and
analog to digital conversion. AFC5 Series DC/DC converters are suitable for a
wide range of general industrial applications, especially where low noise levels
are required.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
OUTPUT SPECIFICATIONS
Voltage accuracy
±1.0%
Voltage balance
Dual outputs
±1%, max.
Line regulation
LL to HL
±0.5%, max.
Load regulation
NL to FL
±0.5%
Total error band
See Note 2
±3.0%
Ripple and noise
Single and dual
15mV pk-pk, typ.,
5Hz to 20MHz
output
1mV rms, typ.
Single output
40mV pk-pk, max.
Dual output
30mV pk-pk, max.
Transient response
50% to 100% load step
50µs, max.
Temperature coefficient
±0.03%/°C, max.
Minimum output current
0A
Short circuit protection
Single output
Indefinite
Dual output,
Output to common
Indefinite
Dual output,
+output to –output
10s, max.
INPUT SPECIFICATIONS
Input voltage range
5VDC
4.65V to 5.25VDC
12VDC
10.8V to 13.2VDC
Input filter
LC filter
Input overvoltage
No damage, 5V nominal
7V, 10s
No damage, 12V nominal
15V, 10s
Reflected ripple current
400mA pk-pk
EMC CHARACTERISTICS
Radiated emissions
EN55022, EN55011, FCC
Level A
GENERAL SPECIFICATIONS
Efficiency
64% to 70%
Isolation voltage
Input to output
500VDC, min.
Switching frequency
Fixed, See Note 3
20kHz, min.
Case material
Black anodised aluminium
with non-conductive base
Flammability rating
Meets UL94V-0
Weight
30g (1.1oz)
MTBF
Single output
840,000 hours
Dual output
580,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating, see curve
0°C to +105°C
Non-operating
–55°C to +125°C
Derating
See chart
Cooling
Free-air convection cooled
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non operating
40,000 feet max.
Vibration, See Note 4
5Hz to 500Hz
2.4G rms (approx.)


Similar Part No. - AFC5

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFC5-05D12-F ARTESYN-AFC5-05D12-F Datasheet
52Kb / 2P
Dual output
AFC5-05D15-F ARTESYN-AFC5-05D15-F Datasheet
52Kb / 2P
Dual output
AFC5-12D12-F ARTESYN-AFC5-12D12-F Datasheet
52Kb / 2P
Dual output
AFC5-12D15-F ARTESYN-AFC5-12D15-F Datasheet
52Kb / 2P
Dual output
AFC5-F ARTESYN-AFC5-F Datasheet
52Kb / 2P
Dual output
More results

Similar Description - AFC5

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AHC08_SERIES ARCH-AHC08_SERIES Datasheet
239Kb / 4P
Single and Dual Output
AOC_SERIES ARCH-AOC_SERIES Datasheet
222Kb / 3P
Single and Dual Output
logo
PEAK electronics GmbH
P8SG-053R3ELF PEAK-P8SG-053R3ELF Datasheet
138Kb / 3P
Single and Dual Output
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
SINGLE and DUAL Output
P34TG-243R3E41MLF PEAK-P34TG-243R3E41MLF Datasheet
136Kb / 3P
Single and Dual Output
P42TG-122R5E21MLF PEAK-P42TG-122R5E21MLF Datasheet
136Kb / 3P
Single and Dual Output
P48WG-243R3E41LF PEAK-P48WG-243R3E41LF Datasheet
101Kb / 4P
Single and Dual Output
PEA1-0505ELF PEAK-PEA1-0505ELF Datasheet
149Kb / 3P
Single and Dual Output
logo
Wall Industries,Inc.
DMW WALL-DMW_16 Datasheet
294Kb / 6P
Single and Dual Output
MM12S3.3-5500 WALL-MM12S3.3-5500 Datasheet
236Kb / 8P
Single and Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com