Electronic Components Datasheet Search
  English  ▼

X  

AFC5-F Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AFC5-F
Description  Dual output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AFC5-F Datasheet(HTML) 1 Page - Artesyn Technologies

  AFC5-F Datasheet HTML 1Page - Artesyn Technologies AFC5-F Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AFC5-F SERIES
Dual output
[ 2 YEAR WARRANTY ]
• Linear regulated outputs
• Very low output noise
• 2 x 1 x 0.375 inch package
• Six sided shielding
• Short circuit protection
• UL94V-0 case
The AFC5-F Series of fixed frequency DC/DC converters provide 5 Watts of
power, low output noise and tight output regulation, all housed within a 2 x 1
inch case. Six sided shielding to negate radiated noise and a non conductive
base to prevent shorting to the PCB are standard features. Short circuit
protection, isolation voltage of 500VDC, and a voltage accuracy of ±1% are
included to offer the best possible solution to a system designer’s low power
needs. Ideal applications for the AFC5-F are data acquisition, digital to analog
and analog to digital conversion. AFC5-F Series DC/DC converters are suitable
for a wide range of general industrial applications, especially where low noise
levels are required.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
OUTPUT SPECIFICATIONS
Voltage accuracy
±1.0%
Voltage balance
±1%, max.
Line regulation
LL to HL
±0.5%, max.
Load regulation
NL to FL
±0.5%
Total error band
See Note 2
±3.0%
Ripple and noise
15mV pk-pk, typ.,
5Hz to 20MHz
1mV rms, typ.
30mV pk-pk, max.
Transient response
50% to 100% load step
50µs, max.
Temperature coefficient
±0.03%/°C, max.
Minimum output current
0A
Short circuit protection
Output to common
Indefinite
+output to –output
10s, max.
INPUT SPECIFICATIONS
Input voltage range
5VDC
4.65V to 5.25VDC
12VDC
10.8V to 13.2VDC
Input filter
LC filter
Input overvoltage
No damage, 5V nominal
7V, 10s
No damage, 12V nominal
15V, 10s
Reflected ripple current
400mA pk-pk
EMC CHARACTERISTICS
Radiated emissions
EN55022, EN55011, FCC
Level A
GENERAL SPECIFICATIONS
Efficiency
64% to 70%
Isolation voltage
Input to output
500VDC, min.
Switching frequency
Fixed, See Note 3
20kHz, min.
Case material
Black anodised aluminium
with non-conductive base
Flammability rating
Meets UL94V-0
Weight
30g (1.1oz)
MTBF
Dual output
580,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating, see curve
0°C to +105°C
Non-operating
–55°C to +125°C
Derating
See chart
Cooling
Free-air convection cooled
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non operating
40,000 feet max.
Vibration, See Note 4
5Hz to 500Hz
2.4G rms (approx.)


Similar Part No. - AFC5-F

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFC5-05D12 ARTESYN-AFC5-05D12 Datasheet
55Kb / 2P
Single and dual output
AFC5-05D15 ARTESYN-AFC5-05D15 Datasheet
55Kb / 2P
Single and dual output
AFC5-05S05 ARTESYN-AFC5-05S05 Datasheet
55Kb / 2P
Single and dual output
AFC5-05S12 ARTESYN-AFC5-05S12 Datasheet
55Kb / 2P
Single and dual output
AFC5-05S15 ARTESYN-AFC5-05S15 Datasheet
55Kb / 2P
Single and dual output
More results

Similar Description - AFC5-F

ManufacturerPart #DatasheetDescription
logo
Power-One
DFA20E12D POWER-ONE-DFA20E12D Datasheet
1Mb / 4P
DUAL OUTPUT
DFC15U48D12 POWER-ONE-DFC15U48D12 Datasheet
860Kb / 3P
DUAL OUTPUT
DGP12U5D5 POWER-ONE-DGP12U5D5 Datasheet
798Kb / 3P
DUAL OUTPUT
DSP1N5D5 POWER-ONE-DSP1N5D5 Datasheet
236Kb / 2P
DUAL OUTPUT
logo
XP Power Limited
SF_IA XPPOWER-SF_IA Datasheet
225Kb / 1P
Dual Output
IA2405D XPPOWER-IA2405D Datasheet
98Kb / 1P
Dual Output
IA1215D XPPOWER-IA1215D Datasheet
98Kb / 1P
Dual Output
IH2415D XPPOWER-IH2415D Datasheet
95Kb / 1P
Dual Output
IH2412D XPPOWER-IH2412D Datasheet
95Kb / 1P
Dual Output
logo
NIHON DEMPA KOGYO
NZ2016SK NDK-NZ2016SK_18 Datasheet
870Kb / 1P
Dual output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com