Electronic Components Datasheet Search
  English  ▼

X  

74HC7403D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC7403D
Description  4-Bit x 64-word FIFO register; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7403D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC7403D Datasheet HTML 9Page - NXP Semiconductors 74HC7403D Datasheet HTML 10Page - NXP Semiconductors 74HC7403D Datasheet HTML 11Page - NXP Semiconductors 74HC7403D Datasheet HTML 12Page - NXP Semiconductors 74HC7403D Datasheet HTML 13Page - NXP Semiconductors 74HC7403D Datasheet HTML 14Page - NXP Semiconductors 74HC7403D Datasheet HTML 15Page - NXP Semiconductors 74HC7403D Datasheet HTML 16Page - NXP Semiconductors 74HC7403D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
September 1993
13
Philips Semiconductors
Product specification
4-Bit x 64-word FIFO register; 3-state
74HC/HCT7403
With FIFO full; SI held HIGH in anticipation of empty location
Notes to Fig.7
1. FIFO is initially full, shift-in is held HIGH
2. SO pulse; data in the output stage is unloaded, “bubble-up” process of empty location begins
3. DIR HIGH; when empty location reaches input stage, flag indicates FIFO is prepared for data input
4. DIR returns to LOW; data shift-in to empty location is complete, FIFO is full again
5. SI set LOW; necessary to complete shift-in process, DIR remains LOW, because FIFO is full.
Fig.7 Waveforms showing bubble-up delay, SO input to DIR output and DIR output pulse width.
handbook, full pagewidth
SI INPUT
MGA660
34
DIR OUTPUT
VM
(1)
2
bubble - up
delay
VM
(1)
5
SO INPUT
t PLH
VM
(1)
1
t W
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com