Electronic Components Datasheet Search
  English  ▼

X  

540VG2C Datasheet(PDF) 8 Page - HB Electronic Components

Part # 540VG2C
Description  LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

540VG2C Datasheet(HTML) 8 Page - HB Electronic Components

  540VG2C Datasheet HTML 1Page - HB Electronic Components 540VG2C Datasheet HTML 2Page - HB Electronic Components 540VG2C Datasheet HTML 3Page - HB Electronic Components 540VG2C Datasheet HTML 4Page - HB Electronic Components 540VG2C Datasheet HTML 5Page - HB Electronic Components 540VG2C Datasheet HTML 6Page - HB Electronic Components 540VG2C Datasheet HTML 7Page - HB Electronic Components 540VG2C Datasheet HTML 8Page - HB Electronic Components 540VG2C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LEAD STRENGTH
1) Bend strength
Do not bend the lead more than twice. (Fig.9)
2) Tensile strength (@Room Temperature)
If the force is 1kg or less, there will be no problem. (Fig.10)
HANDLING PRECAUTIONS
Although rigid against vibration, the LEDs may damaged or scratched if dropped. So take care
when handling.
CHEMICAL RESISTANCE
1) Avoid exposure to chemicals as it may attack the LED surface and cause discoloration.
2) When washing is required, refer to the following table for the proper chemical to be sued.
(Immersion time: within 3 minutes at room temperature.)
SOLVENT
ADAPTABILITY
Freon TE
⊙
Chlorothene
╳
Isopropyl Alcohol
⊙
Thinner
╳
Acetone
╳
Trichloroethylene
╳
⊙
--Usable
╳
--Do not use.
Page : 8
Fig.9
OK!
Fig.10
1Kg
NOTE: Influences of ultrasonic cleaning of the LED
resin body differ depending on such factors
as the oscillator output, size of the PC board
and the way in which the LED is mounted.
Therefore, ultrasonic cleaning should only be
performed after confirming there is no problem by
conducting a test under practical.
LED LAMP
APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com