Electronic Components Datasheet Search
  English  ▼

X  

NVFM Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NVFM
Description  Switching capacity up to 25A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVFM Datasheet(HTML) 1 Page - DB Lectro Inc

  NVFM Datasheet HTML 1Page - DB Lectro Inc NVFM Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Switching capacity up to 25A.
PC board mounting and insert mounting available.
Suitable for automation system and automobile auxiliary etc.
Ordering Information
NVFM
C
Z
20
DC12V
1.5
b
D
1
2
3
4
5
6
7
8
1 Part number:NVFM
2 Contact arrangement:A:1A (1.2W);C:1C(1.5W)
3 Enclosure:S: Sealed type;Z: Dust cover;
4 Contact Current:25:25A/14VDC;20:20A/14VDC
5 Coil rated Voltage(V):DC:6,12,24,48
6 Coil power consumption:1.2:1.2W;1.5:1.5W
7 Terminals
b: PCB type;a: plug in type
8 Coil transient suppression: D: with diode;
R: with resistant;.
NIL: standard
Contact Data
Contact Arrangement
1A
SPSTNO
f1C SPDT(B-M)
Contact Material
Ag SnO
2
,
AgNi
Ag CdO
Contact Rating (resistive)
1A
25A/14VDC
1C
20A/14VDC
Max. Switching Power
350W
Max. Switching Voltage
75VDC
Max. Switching Current:25A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(70%of rated
voltage )
release
voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
006-1200
6
7.8
30
4.2
0.6
012-1200
12
15.6
120
8.4
1.2
024-1200
24
31.2
480
16.8
2.4
048-1200
48
62.4
1920
33.6
4.8
1.2
10
7
006-1500
6
7.8
24
4.2
0.6
012-1500
12
15.6
96
8.4
1.2
024-1500
24
31.2
384
16.8
2.4
048-1500
48
62.4
1536
33.6
4.8
1.5
10
7
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
143
NVFM
23
×15.5×26
www.dblectro.com


Similar Part No. - NVFM

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVFM DBLECTRO-NVFM Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
HuaXinAn Electronics CO...
NVFMA HUAXINAN-NVFMA Datasheet
757Kb / 1P
Suitable for automation system and automobile auxiliary etc
logo
DB Lectro Inc
NVFMAS20DC12V DBLECTRO-NVFMAS20DC12V Datasheet
464Kb / 2P
Switching capacity up to 25A
NVFMAS20DC24V DBLECTRO-NVFMAS20DC24V Datasheet
464Kb / 2P
Switching capacity up to 25A
NVFMAS20DC48V DBLECTRO-NVFMAS20DC48V Datasheet
464Kb / 2P
Switching capacity up to 25A
More results

Similar Description - NVFM

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
Switching capacity up to 10A
WJ101 CIT-WJ101 Datasheet
147Kb / 2P
Switching capacity up to 5A
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
Switching capacity up to 15A
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
Switching capacity up to 16A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
CIT Relay & Switch
A1M CIT-A1M Datasheet
92Kb / 2P
Switching capacity up to 20A
A10 CIT-A10 Datasheet
111Kb / 2P
Switching capacity up to 30A
J098 CIT-J098 Datasheet
92Kb / 3P
Switching capacity up to 6A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com