Electronic Components Datasheet Search
  English  ▼

X  

560LB7D Datasheet(PDF) 4 Page - HB Electronic Components

Part # 560LB7D
Description  LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

560LB7D Datasheet(HTML) 4 Page - HB Electronic Components

  560LB7D Datasheet HTML 1Page - HB Electronic Components 560LB7D Datasheet HTML 2Page - HB Electronic Components 560LB7D Datasheet HTML 3Page - HB Electronic Components 560LB7D Datasheet HTML 4Page - HB Electronic Components 560LB7D Datasheet HTML 5Page - HB Electronic Components 560LB7D Datasheet HTML 6Page - HB Electronic Components 560LB7D Datasheet HTML 7Page - HB Electronic Components 560LB7D Datasheet HTML 8Page - HB Electronic Components 560LB7D Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LED SPECIFICATION
Typical electrical/optical characteristic curves:
50
40
30
4.0
0
0
50
FORWARD CURRENT Vs
FORWARD VOLTAGE
LUMINOUS INTENSITY Vs.
FORWARD CURRENT
40
50
2.0
1.5
40
30
0.5
20
10
3.6
0
10
2.4
2.0
2.8
0
3.2
20
1.0
30
2.5
FORWARD CURRENT
DERATING CURVE
2.0
1.5
20
2.5
LUMINOUS INTENSITY Vs.
AMBIENT TEMPERATURE
100
80
60
0.5
20
0
-20
100
-40
60
80
20
40
0
0
Ambient Temperature TA ()
℃
Ambient Temperature TA ()
℃
40
10
1.0
IF-Forward Current (mA)
Forward Voltage(V)
700
650
400
100
Wavelength λ(nm)
0
50
25
75
550
600
500
450
Page:
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com