Electronic Components Datasheet Search
  English  ▼

X  

NVFAS15DC12VAR Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NVFAS15DC12VAR
Description  Switching capacity up to 20A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVFAS15DC12VAR Datasheet(HTML) 1 Page - DB Lectro Inc

  NVFAS15DC12VAR Datasheet HTML 1Page - DB Lectro Inc NVFAS15DC12VAR Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Switching capacity up to 20A.
PC board mounting and insert mounting available.
Suitable for automation system and automobile auxiliary etc.
Ordering Information
NVF
A
Z
20
DC12V
b
D
1
2
3
4
5
6
7
1 Part number:NVF
2 Contact arrangement:A:1A ;B:1B
3 Enclosure:S: Sealed type;Z: Dust cover;
4 Contact Current:15:15A/14VDC;20:20A/14VDC
5 Coil rated Voltage(V):DC:12,24
6 Terminals
b: PCB type;a: plug in type
7 Coil transient suppression: D: with diode;
R: with resistance;.
NIL: standard
Contact Data
Contact Arrangement
1A
SPSTNO
f1B SPSTNC
Contact Material
Ag SnO
2
,
AgNi
Ag CdO
Contact Rating (resistive)
1A
20A/14VDC
1B
15A/14VDC
Max. Switching Power
280W
Max. Switching Voltage
75VDC
Max. Switching Current:30A
Contact Resistance or Voltage drop
20mV(at 10A)(B:40mV)
Item 3.12 of IEC255-7
Electrical
5
y105
2
y105 (B)
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(60%of rated
voltage )
release
voltage
VDC(min)
(11% of rated
voltage)
Coil power
consumption
Operate
Time
ms
Release
Time
ms
012-1160
12
18
124
7.2
1.3
024-1160
24
35
489
14.4
2.8
1.16
10
7
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
145
NVF
20.3
×15.3×22.5
www.dblectro.com


Similar Part No. - NVFAS15DC12VAR

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NVFA HUAXINAN-NVFA Datasheet
732Kb / 1P
Suitable for automation system and automobile auxiliary etc
More results

Similar Description - NVFAS15DC12VAR

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CTA12 CIT-CTA12 Datasheet
147Kb / 2P
Switching capacity up to 20A Small size and light weight
CTA17 CIT-CTA17 Datasheet
159Kb / 2P
Switching capacity up to 20A
logo
DB Lectro Inc
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
GREATECS
TK70 GREATECS-TK70 Datasheet
326Kb / 2P
High Capacity Toggle Switches up to 20A
logo
CIT Relay & Switch
A1M CIT-A1M Datasheet
92Kb / 2P
Switching capacity up to 20A
A15 CIT-A15 Datasheet
87Kb / 2P
Switching capacity up to 20A
J120D CIT-J120D Datasheet
133Kb / 2P
Switching capacity up to 20A
J151 CIT-J151 Datasheet
290Kb / 4P
Switching capacity up to 20A; small size and light weight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com