Electronic Components Datasheet Search
  English  ▼

X  

BXF200 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # BXF200
Description  72-132W Wide Input DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

BXF200 Datasheet(HTML) 1 Page - Artesyn Technologies

  BXF200 Datasheet HTML 1Page - Artesyn Technologies BXF200 Datasheet HTML 2Page - Artesyn Technologies BXF200 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC/DC CONVERTERS
72-132W Wide Input DC/DC Converters
1
2 YEAR WARRANTY
BXF200 Series
Single output
• Board mounted full brick with industry standard footprint
• Adjustable output voltage with output currents of 40A
• No minimum load required
• 2:1 input range for battery powered applications
• Synchronizable and parallelable with load sharing
• Overtemperature and short circuit protection
• Current monitor and power good signal
• Remote ON/OFF
• ISO9001 certified manufacturing facilities
BXF200 Series high power density DC/DC converters can provide up to 40A output
current and have an industry-standard footprint, measuring just 2.40 x 4.60 x 0.52 inches.
The converters are equally suitable for new designs or as replacement power sources in
existing equipment. BXF200 Series converters are designed specifically for redundant
and distributed power systems in the computer and telecommunications sectors, but
their feature-rich specifications make them suitable for a very wide range of applications.
Using Bellcore 332, the MTBF is over 1,000,000 hours. Aluminium baseplate technology
and four threaded M3 inserts make heatsink attachment and thermal management easy.
The BXF200 Series is approved by UL, CSA and VDE.
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
EMC CHARACTERISTICS
Conducted emissions
Bellcore 332
Level A
(See Note 8)
FCC part 15
Level A
EN55022, CISPR22
Level A
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input/case
1500VDC
Input/output
1500VDC
Output/case
1500VDC
Switching frequency
Fixed
550kHz typ.
Approvals and
VDE0805, EN60950, IEC950
standards (See Note 4)
UL1950, CSA C22.2 No. 950
Case material
Aluminium baseplate
and plastic casing
Material flammability
UL94V-0
Weight
200g (7.06oz)
MTBF
Bellcore 332
>1,000,000 hours
MIL-HDBK-217F
>200,000 hours
@ 40°C, 100% FL
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating case temp. -40°C to +100°C
Non-operating
-55°C to +125°C
Altitude
Operating
10,000 feet max.
Non-operating
40,000 feet max.
Vibration
5Hz to 500Hz
2.4G rms (approx.)
OUTPUT SPECIFICATIONS
Voltage adjustability
Model specific
Set point accuracy
±0.5% typ., ±1.6% max.
Line regulation
Low line to high line
±0.1% typ.
Load regulation
Full load to min. load
±0.15% typ.
Minimum load
0A
Overshoot
0V
Undershoot
At turn-on and turn-off
0V
Ripple and noise
5Hz to 20MHz (See Note 1)
20mV rms
Temperature coefficient
±0.01%/°C
Transient response
Recovery time (See Note 2)
500µs
Peak deviation
2.0%
Remote sense
0.5VDC transmission
line drop compensation
INPUT SPECIFICATIONS
Input voltage range
48VDC nominal
36 to 75VDC
Input current
No load
65mA max.
Remote OFF
15mA max.
Input current (max.)
(See Note 3)
See table
Input reflected ripple
(See Note 5)
11mA pk-pk
Active low remote ON/OFF
(See Note 7)
Logic compatibility
ON
1.2VDC max.
OFF
Open circuit
Undervoltage lockout
48Vin: power up
35V typ.
48Vin: power down
33V typ.
Start-up time
Power up
2.5ms typ.
(See Note 6)
Remote ON/OFF
1ms typ.
SPECIFICATIONS
File Name: BXF200.PDF Rev: 10 Jan 2001


Similar Part No. - BXF200

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXF250 ARTESYN-BXF250 Datasheet
59Kb / 3P
90-165W Wide Input DC/DC Converters
BXF250-48S1V8L ARTESYN-BXF250-48S1V8L Datasheet
59Kb / 3P
90-165W Wide Input DC/DC Converters
BXF250-48S2V0L ARTESYN-BXF250-48S2V0L Datasheet
59Kb / 3P
90-165W Wide Input DC/DC Converters
BXF250-48S2V5L ARTESYN-BXF250-48S2V5L Datasheet
59Kb / 3P
90-165W Wide Input DC/DC Converters
BXF250-48S3V3L ARTESYN-BXF250-48S3V3L Datasheet
59Kb / 3P
90-165W Wide Input DC/DC Converters
More results

Similar Description - BXF200

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
Isolated 3W Wide Input DC-DC Converters
logo
List of Unclassifed Man...
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
30 Watt Wide input DC/DC converters
logo
Artesyn Technologies
BXA3 ARTESYN-BXA3 Datasheet
65Kb / 3P
3W Wide Input DC/DC Converters
BXA10 ARTESYN-BXA10 Datasheet
70Kb / 3P
8-10W Wide Input DC/DC Converters
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
30W Wide Input DC/DC Converters
BXA40 ARTESYN-BXA40 Datasheet
74Kb / 3P
40W Wide Input DC/DC Converters
BXB50 ARTESYN-BXB50 Datasheet
74Kb / 3P
33-50W Wide Input DC/DC Converters
BXB100 ARTESYN-BXB100 Datasheet
74Kb / 3P
66-100W Wide Input DC/DC Converters
BXF400 ARTESYN-BXF400 Datasheet
158Kb / 3P
264W Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
Isolated 3W Wide Input DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com