Electronic Components Datasheet Search
  English  ▼

X  

560PR2C Datasheet(PDF) 5 Page - HB Electronic Components

Part # 560PR2C
Description  5.0 mm DIA LED LAMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

560PR2C Datasheet(HTML) 5 Page - HB Electronic Components

  560PR2C Datasheet HTML 1Page - HB Electronic Components 560PR2C Datasheet HTML 2Page - HB Electronic Components 560PR2C Datasheet HTML 3Page - HB Electronic Components 560PR2C Datasheet HTML 4Page - HB Electronic Components 560PR2C Datasheet HTML 5Page - HB Electronic Components 560PR2C Datasheet HTML 6Page - HB Electronic Components 560PR2C Datasheet HTML 7Page - HB Electronic Components 560PR2C Datasheet HTML 8Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5.0 mm DIA LED LAMP
560PR2C
RE
V:A / 0
3) Similarly, when a jig is used to solder the LED to PC board, take care as much as possible to
avoid steering the leads (See Fig.3).

4) Repositioning after soldering should be avoided as much as possible. If inevitable, be sure to
preserve the soldering conditions with irons stated above: select a best-suited method that
assures the least stress to the LED.
5) Lead cutting after soldering should be performed only after the LED temperature has returned to
normal temperature.
LED MOUNTING METHOD
1) When mounting the LED by using a case, as shown Fig.4, ensure that the mounting holds on
the PC board match the pitch of the leads correctly-tolerance of dimensions of the respective
components including the LED should be taken into account especially when designing the
case, PC board, etc. to prevent pitch misalignment between the leads and board holes, the
diameter of the board holes should be slightly larger than the size of the lead. Alternatively, the
shape of the holes should be made oval. (See Fig.4)
DRAWING NO. : DS-35-04-0744
DATE : 2004-12-03
Page : 5
P C b o a r d
ig.3
)
(F
jig
Fig.4
case
pc board



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com