Electronic Components Datasheet Search
  English  ▼

X  

BXF400 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # BXF400
Description  264W Wide Input DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

BXF400 Datasheet(HTML) 2 Page - Artesyn Technologies

  BXF400 Datasheet HTML 1Page - Artesyn Technologies BXF400 Datasheet HTML 2Page - Artesyn Technologies BXF400 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
N
No
otte
es
s
1
Measured with 10µF tantalum capacitor and 1µF ceramic capacitor across
the output.
2
Iout = Inom; delta Iout = ±25% Iout (max), di/dt = 1A/µs.
3
Input fusing is required based on surge and maximum input current.
4
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
5
Input reflected ripple current test set-up uses a Pi filter; 220µF, 12µH,
100µF.
6
Start-up into resistive load.
7
Units should be characterised within systems. External components and
filtering required.
8
The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details..
PROTECTION
Short circuit protection
Continuous, automatic recovery
Overvoltage protection
Latching
Undervoltage protection
Non-latching
Thermal protection
110°C baseplate,
automatic recovery
TELECOM SPECIFICATION
Central office interface A
ETS300-132-2
BXF400 Series
Single output
DC/DC CONVERTERS 264W Wide Input DC/DC Converters
2
File Name: bxf400.pdf Rev: 30 Mar 2006
OUTPUT
INPUT
OVP
OUTPUT
INPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER (8)
(MAX.)
(MAX. LOAD)
(MAX.)
264W
48VDC
3.8 VDC
3.3V
7.0A
80A
78%
±0.10%
±0.15%
BXF400-48S3V3LJ
PIN CONNECTIONS
PIN NUMBER
FEATURE
1
Power Good
2
Current Monitor
3
Parallel
4
Trim Adjust
5
+ Sense
6
- Sense
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 10401-3336-0148
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
EXTERNAL OUTPUT TRIMMING
Output can be externally
trimmed by using the
method shown.
TRIM
UP
TRIM
DOWN
8
7
6
RT1
OR
RT2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com